| Electronic Components Datasheet Search |
|
56F8345 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8345 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc |
|
32 / 164 page ![]() 56F8345 Technical Data, Rev. 17 32 Freescale Semiconductor Preliminary FAULTA0 67 Schmitt Input Input, pull-up enabled FAULTA0 - 2 — These three fault input pins are used for disabling selected PWMA outputs in cases where fault conditions originate off-chip. To deactivate the internal pull-up resistor, set the PWMA0 bit in the SIM_PUDR register. See Part 6.5.6 for details. FAULTA1 68 FAULTA2 69 FAULTA3 70 Schmitt Input Input, pull-up enabled FAULTA3 — This fault input pin is used for disabling selected PWMA outputs in cases where fault conditions originate off-chip. To deactivate the internal pull-up resistor, set the PWMA1 bit in the SIM_PUDR register. See Part 6.5.6 for details. PWMB0 32 Output In reset, output is disabled, pull-up is enabled PWMB0 - 5 — Six PWMB output pins. PWMB1 33 PWMB2 34 PWMB3 37 PWMB4 38 PWMB5 39 ISB0 (GPIOD10) 48 Schmitt Input Schmitt Input/ Output Input, pull-up enabled ISB0 - 2 — These three input current status pins are used for top/bottom pulse width correction in complementary channel operation for PWMB. Port D GPIO — These GPIO pins can be individually programmed as input or output pins. At reset, these pins default to ISB functionality. To deactivate the internal pull-up resistor, clear the appropriate bit of the GPIOD_PUR register. See Part 6.5.6 for details. ISB1 (GPIOD11) 50 ISB2 (GPIOD12) 51 FAULTB0 54 Schmitt Input Input, pull-up enabled FAULTB0 - 3 — These four fault input pins are used for disabling selected PWMB outputs in cases where fault conditions originate off-chip. To deactivate the internal pull-up resistor, set the PWMB bit in the SIM_PUDR register. See Part 6.5.6 for details. FAULTB1 55 FAULTB2 56 FAULTB3 57 ANA0 80 Input Analog Input ANA0 - 3 — Analog inputs to ADC A, channel 0 ANA1 81 ANA2 82 ANA3 83 Table 2-2 Signal and Package Information for the 128-Pin LQFP Signal Name Pin No. Type State During Reset Signal Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |