Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

56F8357 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 56F8357
Description  16-bit Digital Signal Controllers
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8357 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 56F8357 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8357 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8357 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8357 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8357 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8357 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8357 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F8357 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8357 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 177 page
background image
Signal Pins
56F8357 Technical Data, Rev. 15
Freescale Semiconductor
21
Preliminary
XTAL
93
K12
Input/
Output
Chip-driven
Crystal Oscillator Output — This output connects the internal
crystal oscillator output to an external crystal.
If an external clock is used, XTAL must be used as the input
and EXTAL connected to GND.
The input clock can be selected to provide the clock directly to
the core. This input clock can also be selected as the input
clock for the on-chip PLL.
CLKO
3
D3
Output
In reset,
output is
disabled
Clock Output — This pin outputs a buffered clock signal.
Using the SIM CLKO Select Register (SIM_CLKOSR), this pin
can be programmed as any of the following: disabled,
CLK_MSTR (system clock), IPBus clock, oscillator output,
prescaler clock and postscaler clock. Other signals are also
available for test purposes.
See Part 6.5.7 for details.
A0
(GPIOA8)
154
C3
Output
Input/
Output
In reset,
output is
disabled,
pull-up is
enabled
Address Bus — A0 - A5 specify six of the address lines for
external program or data memory accesses.
Depending upon the state of the DRV bit in the EMI bus control
register (BCR), A0–A5 and EMI control signals are tri-stated
when the external bus is inactive.
Most designs will want to change the DRV state to DRV = 1
instead of using the default setting.
Port A GPIO — These six GPIO pins can be individually
programmed as input or output pins.
After reset, the default state is Address Bus.
To deactivate the internal pull-up resistor, clear the appropriate
GPIO bit in the GPIOA_PUR register.
Example: GPIOA8, clear bit 8 in the GPIOA_PUR register.
A1
(GPIOA9)
10
E3
A2
(GPIOA10)
11
E4
A3
(GPIOA11)
12
F2
A4
(GPIOA12)
13
F1
A5
(GPIOA13)
14
F3
Table 2-2 Signal and Package Information for the 160-Pin LQFP and MBGA
Signal
Name
Pin
No.
Ball No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com