Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

56F8167 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # 56F8167
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8167 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button 56F8167 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 43Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 44Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 45Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 46Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 47Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 48Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 49Page - Freescale Semiconductor, Inc 56F8167 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 184 page
background image
56F8367 Technical Data, Rev. 8
46
Freescale Semiconductor
Preliminary
TMRB
60
0-2
P:$78
Timer B, Channel 0
TMRB
61
0-2
P:$7A
Timer B, Channel 1
TMRB
62
0-2
P:$7C
Timer B, Channel 2
TMRB
63
0-2
P:$7E
Timer B, Channel 3
TMRA
64
0-2
P:$80
Timer A, Channel 0
TMRA
65
0-2
P:$82
Timer A, Channel 1
TMRA
66
0-2
P:$84
Timer A, Channel 2
TMRA
67
0-2
P:$86
Timer A, Channel 3
SCI0
68
0-2
P:$88
SCI 0 Transmitter Empty
SCI0
69
0-2
P:$8A
SCI 0 Transmitter Idle
Reserved
SCI0
71
0-2
P:$8E
SCI 0 Receiver Error
SCI0
72
0-2
P:$90
SCI 0 Receiver Full
ADCB
73
0-2
P:$92
ADC B Conversion Compete / End of Scan
ADCA
74
0-2
P:$94
ADC A Conversion Complete / End of Scan
ADCB
75
0-2
P:$96
ADC B Zero Crossing or Limit Error
ADCA
76
0-2
P:$98
ADC A Zero Crossing or Limit Error
PWMB
77
0-2
P:$9A
Reload PWM B
PWMA
78
0-2
P:$9C
Reload PWM A
PWMB
79
0-2
P:$9E
PWM B Fault
PWMA
80
0-2
P:$A0
PWM A Fault
core
81
- 1
P:$A2
SW Interrupt LP
FLEXCAN2
82
0-2
P:$A4
FlexCAN Bus Off
FLEXCAN2
83
0-2
P:$A6
FlexCAN Error
FLEXCAN2
84
0-2
P:$A8
FlexCAN Wake Up
FLEXCAN2
85
0-2
P:$AA
FlexCAN Message Buffer Interrupt
1. Two words are allocated for each entry in the vector table. This does not allow the full address range to be referenced from the
vector table, providing only 19 bits of address.
2. If the VBA is set to $0200 (or VBA = 0000 for Mode 1, EMI_MODE = 0), the first two locations of the vector table are the chip
reset addresses; therefore, these locations are not interrupt vectors.
2.
Table 4-5 Interrupt Vector Table Contents1 (Continued)
Peripheral
Vector
Number
Priority
Level
Vector Base
Address +
Interrupt Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com