| Electronic Components Datasheet Search |
|
56F8167 Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8167 Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc |
|
108 / 184 page ![]() 56F8367 Technical Data, Rev. 8 108 Freescale Semiconductor Preliminary 5.6.30.3 Vector Number - Vector Address Bus (VAB)—Bits 12–6 This read-only field shows the vector number (VAB[7:1]) used at the time the last IRQ was taken. This field is only updated when the 56800E core jumps to a new interrupt service routine. Note: Nested interrupts may cause this field to be updated before the original interrupt service routine can read it. 5.6.30.4 Interrupt Disable (INT_DIS)—Bit 5 This bit allows all interrupts to be disabled. • 0 = Normal operation (default) • 1 = All interrupts disabled 5.6.30.5 Reserved—Bit 4 This bit field is reserved or not implemented. It is read as 1 and cannot be modified by writing. 5.6.30.6 IRQB State Pin (IRQB STATE)—Bit 3 This read-only bit reflects the state of the external IRQB pin. 5.6.30.7 IRQA State Pin (IRQA STATE)—Bit 2 This read-only bit reflects the state of the external IRQA pin. 5.6.30.8 IRQB Edge Pin (IRQB Edg)—Bit 1 This bit controls whether the external IRQB interrupt is edge- or level-sensitive. During Stop and Wait modes, it is automatically level-sensitive. •0 = IRQB interrupt is a low-level sensitive (default) •1 = IRQB interrupt is falling-edge sensitive 5.6.30.9 IRQA Edge Pin (IRQA Edg)—Bit 0 This bit controls whether the external IRQA interrupt is edge- or level-sensitive. During Stop and Wait modes, it is automatically level-sensitive. •0 = IRQA interrupt is a low-level sensitive (default) •1 = IRQA interrupt is falling-edge sensitive 5.6.31 Reserved—Base + $1E 5.6.32 Interrupt Priority Register 10 (IPR10) Note: This register is NOT available in the 56F8167 device. Base + $1F 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read 0 0 0 0 0 0 0 0 FLEXCAN2_ MSGBUF IPL FLEXCAN2_ WKUP IPL FLEXCAN2_ ERR IPL FLEXCAN2_ BOFF IPL Write RESET 0 0 0 1 0 0 0 0 0000 0000 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |