Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC05F32CPU Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC68HC05F32CPU
Description  a member of the M68HC05 family of HCMOS
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC05F32CPU Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC68HC05F32CPU Datasheet HTML 17Page - Freescale Semiconductor, Inc MC68HC05F32CPU Datasheet HTML 18Page - Freescale Semiconductor, Inc MC68HC05F32CPU Datasheet HTML 19Page - Freescale Semiconductor, Inc MC68HC05F32CPU Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68HC05F32CPU Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68HC05F32CPU Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68HC05F32CPU Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68HC05F32CPU Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC05F32CPU Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 198 page
background image
MC68HC05F32
MOTOROLA
1-1
INTRODUCTION
1
1
INTRODUCTION
The MC68HC05F32 is a member of the M68HC05 family of HCMOS microcomputers. Its memory
configuration comprises 32K bytes of ROM, 920 bytes of RAM and 256 bytes of EEPROM. The
on-board features of this device make it particularly suitable for use in highly integrated telephone
handsets; the timer and DTMF generator allow for both pulse and tone dialling and, in addition to
telephone set-up parameters and features such as last number redial, the EEPROM can typically store
up to 12 telephone numbers of 20 digits, even after power has been removed from the circuit. Other
features of the device include the keyboard interrupt facility, which allows a direct interface to a
telephone keypad, the LCD circuit, which can drive up to 160 segments of an LCD display, and the A/D
converter which could be used, for example, as a volume control for a telephone in hands-free mode.
A high level of integration has been achieved on the MC68HC05F32 and careful attention has been
paid to its low-power and low-voltage performance, a major consideration in many telecommunications
applications.
The MC68HC05F32 is very well suited to automotive applications; with its 8 analog inputs and many
general I/O lines, it is especially useful in applications such as car dashboards. Also, the voltage levels
of the LCD driver can be varied using external resistors, and the timer system is capable of driving two
stepper motors (e.g. speedometer and odometer), as well as controlling a real time clock. The SCI
subsystem is ideal for interfacing to diagnostic equipment, for example, and the on-board EEPROM
can be used to store data such as mileage or calibration information.
This data sheet is structured such that devices similar to the MC68HC05F32 are described in a set of
appendices.
Table 1-1 Data sheet appendices
Device
Appendix
Differences from MC68HC05F32
MC68HC705F32
A
32256 bytes EPROM; 496 bytes boot ROM
TPG
17
05F32Book Page 1 Tuesday, June 8, 1999 7:55 am
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com