Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC08AB16AD Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MC68HC08AB16AD
Description  Microcontrollers
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC08AB16AD Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MC68HC08AB16AD Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 50Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 51Page - Freescale Semiconductor, Inc MC68HC08AB16AD Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 380 page
background image
Technical Data
MC68HC08AB16A — Rev. 2.1
48
Freescale Semiconductor
$001E
PLL Programming
Register
(PPG)
Read:
MUL7
MUL6
MUL5
MUL4
VRS7
VRS6
VRS5
VRS4
Write:
Reset:
01100110
$001F
Mask Option Register A
(MORA)†
Read: LVISTOP
SEC
LVIRSTD LVIPWRD SSREC
COPRS
STOP
COPD
Write:
Reset:
Unaffected by reset; mask option
† Hard-wired register, specified during ROM code submission.
$0020
Timer A Status and
Control Register
(TASC)
Read:
TOF
TOIE
TSTOP
00
PS2
PS1
PS0
Write:
0
TRST
Reset:
00100000
$0021
Keyboard Interrupt Enable
Register
(KBIER)
Read:
0
0
0
KBIE4
KBIE3
KBIE2
KBIE1
KBIE0
Write:
Reset:
00000000
$0022
Timer A Counter
Register High
(TACNTH)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
00000000
$0023
Timer A Counter
Register Low
(TACNTL)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
00000000
$0024
Timer A Counter Modulo
Register High
(TAMODH)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
11111111
$0025
Timer A Counter Modulo
Register Low
(TAMODL)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
11111111
$0026
Timer A Channel 0 Status
and Control Register
(TASC0)
Read:
CH0F
CH0IE
MS0B
MS0A
ELS0B
ELS0A
TOV0
CH0MAX
Write:
0
Reset:
00000000
$0027
Timer A Channel 0
Register High
(TACH0H)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
Indeterminate after reset
Addr.
Register Name
Bit 7
654321
Bit 0
= Unimplemented
R
= Reserved
Figure 2-2. Control, Status, and Data Registers (Sheet 4 of 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com