Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RSM-FKM-RKM-57 Datasheet(PDF) 1 Page - Turck, Inc.

Part # RSM-FKM-RKM-57
Description  2-Way Splitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

RSM-FKM-RKM-57 Datasheet(HTML) 1 Page - Turck, Inc.

  RSM-FKM-RKM-57 Datasheet HTML 1Page - Turck, Inc. RSM-FKM-RKM-57 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 2
2-Way Splitter
RSM FKM RKM 57
Type
RSM FKM RKM 57
ID
U0142
Distributed I/O
T-splitter, 2-port
Number of contacts
5
Connector body
Plastic
Mechanical life
> 100 Mating cycles
Protection class (When coupled)
IP67, Only in screwed condition
Contact carriers
Plastic
Connector body
Plastic
Mechanical life
> 100 Mating cycles
Protection class (When coupled)
IP67, Only when plugged
Fieldbus
DeviceNet
Electrical properties at +20 °C
Rated voltage
250VV
Current
4AA
Insulation resistance
ï
108 ò
forward resistance
ð
5 mò
Mechanical and chemical properties
Ambient temperature range (dynamic)
-40°C…+75°C°C
Note
- We reserve the right to make technical alterations
without prior notice.
■ 7/8" minifast
■ M12 eurofast
■ T-splitter, 5-pin
■ For use in CAN (DeviceNet™, CANopen)
applications


Similar Part No. - RSM-FKM-RKM-57

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
RSM-102-02-F-D-FR SAMTEC-RSM-102-02-F-D-FR Datasheet
422Kb / 293P
SMT MICRO HEADER & SOCKET
RSM-102-02-F-D-K SAMTEC-RSM-102-02-F-D-K Datasheet
422Kb / 293P
SMT MICRO HEADER & SOCKET
RSM-102-02-F-D-P SAMTEC-RSM-102-02-F-D-P Datasheet
422Kb / 293P
SMT MICRO HEADER & SOCKET
RSM-102-02-F-D-TR SAMTEC-RSM-102-02-F-D-TR Datasheet
422Kb / 293P
SMT MICRO HEADER & SOCKET
RSM-102-02-F-S-FR SAMTEC-RSM-102-02-F-S-FR Datasheet
422Kb / 293P
SMT MICRO HEADER & SOCKET
More results

Similar Description - RSM-FKM-RKM-57

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
SPA-1002-27 PDI-SPA-1002-27 Datasheet
50Kb / 1P
SURFACE MOUNT 2-WAY SPLITTER
SPA-1001-25 PDI-SPA-1001-25 Datasheet
50Kb / 1P
SURFACE MOUNT 2-WAY SPLITTER
logo
Mini-Circuits
QCS-332+ MINI-QCS-332+ Datasheet
129Kb / 1P
2 Way-90째 Power Splitter
logo
M/A-COM Technology Solu...
MAPD-010424-C20C80-V2 MA-COM-MAPD-010424-C20C80-V2 Datasheet
450Kb / 4P
2 way Splitter Transformer
MAPD-010424-C20C80 MA-COM-MAPD-010424-C20C80_15 Datasheet
450Kb / 4P
2 way Splitter Transformer
logo
Pulse A Technitrol Comp...
CX4002LNL PULSE-CX4002LNL Datasheet
300Kb / 2P
SPLITTER, 2-WAY
CX4004LNL PULSE-CX4004LNL Datasheet
178Kb / 2P
RF SPLITTER, 2-WAY
CX4005NL PULSE-CX4005NL Datasheet
194Kb / 2P
RF SPLITTER, 2-WAY
CX4012LNL PULSE-CX4012LNL Datasheet
209Kb / 2P
RF SPLITTER, 2-WAY
CX4024NL PULSE-CX4024NL Datasheet
197Kb / 2P
RF SPLITTER, 2-WAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com