Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AS60AMFN Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MC68HC908AS60AMFN
Description  M68HC08 Microcontrollers
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908AS60AMFN Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MC68HC908AS60AMFN Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC908AS60AMFN Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC908AS60AMFN Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HC908AS60AMFN Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HC908AS60AMFN Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68HC908AS60AMFN Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68HC908AS60AMFN Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HC908AS60AMFN Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68HC908AS60AMFN Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 414 page
background image
EEPROM-1 Register Descriptions
MC68HC908AZ60A • MC68HC908AS60A • MC68HC908AS60E Data Sheet, Rev. 6
Freescale Semiconductor
79
AUTO — Automatic Termination of Program/Erase Cycle
When AUTO is set, EEPGM is cleared automatically after the program/erase cycle is terminated by
the internal timer.
(See note D for 6.4.5.2 EEPROM-1 Programming, 6.4.5.3 EEPROM-1 Erasing, and 28.1.13 EEPROM
Memory Characteristics)
1 = Automatic clear of EEPGM is enabled
0 = Automatic clear of EEPGM is disabled
EEPGM — EEPROM-1 Program/Erase Enable
This read/write bit enables the internal charge pump and applies the programming/erasing voltage to
the EEPROM-1 array if the EELAT bit is set and a write to a valid EEPROM-1 location has occurred.
Reset clears the EEPGM bit.
1 = EEPROM-1 programming/erasing power switched on
0 = EEPROM-1 programming/erasing power switched off
NOTE
Writing logic 0s to both the EELAT and EEPGM bits with a single instruction
will clear EEPGM only to allow time for the removal of high voltage.
6.5.2 EEPROM-1 Array Configuration Register
The EEPROM-1 array configuration register configures EEPROM-1 security and EEPROM-1 block
protection.
This read-only register is loaded with the contents of the EEPROM-1 nonvolatile register (EE1NVR) after
a reset.
Bit 7:5 — Unused Bits
These read/write bits are software programmable but have no functionality.
EEPRTCT — EEPROM-1 Protection Bit
The EEPRTCT bit is used to enable the security feature in the EEPROM (see EEPROM-1
Program/Erase Protection).
1 = EEPROM-1 security disabled
0 = EEPROM-1 security enabled
This feature is a write-once feature. Once the protection is enabled it may not be disabled.
Address:
$FE1F
Bit 7
6
5
4
3
2
1
Bit 0
Read:
UNUSED
UNUSED
UNUSED
EEPRTCT
EEBP3
EEBP2
EEBP1
EEBP0
Write:
Reset:
Contents of EE1NVR ($FE1C)
= Unimplemented
Figure 6-3. EEPROM-1 Array Configuration Register (EE1ACR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com