Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KA-3528CGCKT Datasheet(PDF) 14 Page - Kingbright Corporation

Part # KA-3528CGCKT
Description  Optoelectronic Components
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-3528CGCKT Datasheet(HTML) 14 Page - Kingbright Corporation

Back Button KA-3528CGCKT Datasheet HTML 10Page - Kingbright Corporation KA-3528CGCKT Datasheet HTML 11Page - Kingbright Corporation KA-3528CGCKT Datasheet HTML 12Page - Kingbright Corporation KA-3528CGCKT Datasheet HTML 13Page - Kingbright Corporation KA-3528CGCKT Datasheet HTML 14Page - Kingbright Corporation KA-3528CGCKT Datasheet HTML 15Page - Kingbright Corporation KA-3528CGCKT Datasheet HTML 16Page - Kingbright Corporation KA-3528CGCKT Datasheet HTML 17Page - Kingbright Corporation KA-3528CGCKT Datasheet HTML 18Page - Kingbright Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
SMD LED
20
SMD LED
21
PART NUMBER
MATERIAL
l
D
(nm)
LENS TYPE
Iv (mcd)
@20mA
VIEWING
ANGLE
DIMENSION
MIN.
TYP.
2q1/2
KPB-3025ESGC
GaAsP/GaP
625
water clear
4
15
120°
3.0mm x 2.5mm x 1.1mm (1109 Bi-Color)
GaP
568
4
15
KPB-3025EYC
GaAsP/GaP
625
water clear
4
15
120°
GaAsP/GaP
588
2.6
8
KPB-3025SRSGC-PRV
GaAlAs
640
water clear
36
100
120°
GaP
568
4
15
KPB-3025SRCGKC-PRV
GaAlAs
640
water clear
36
100
120°
AlGaInP
570
18
50
KPB-3025NSGC
GaAsP/GaP
610
water clear
4
15
120°
GaP
568
4
15
KPB-3025SURKCGKC
AlGaInP
630
water clear
70
220
120°
AlGaInP
570
18
50
KPB-3025YSGC
GaAsP/GaP
588
water clear
2.6
8
120°
GaP
568
4
15
KPB-3025QBDSYKC
InGaN
470
water clear
36
80
120°
AlGaInP
590
50
200
KPBL-3025ESGC
GaAsP/GaP
625
water clear
7
20
100°
3.0mm x 2.5mm x 1.4mm (1109 Bi-Color)
GaP
568
7
20
KPBL-3025EYC
GaAsP/GaP
625
water clear
7
20
100°
GaAsP/GaP
588
4
15
KPBL-3025SRSGC-PRV
GaAlAs
640
water clear
36
100
100°
GaP
568
7
20
KPBL-3025NSGC
GaAsP/GaP
610
water clear
7
20
100°
GaP
568
7
20
KPBL-3025SURKCGKC
AlGaInP
630
water clear
180
500
100°
AlGaInP
570
50
150
KPBL-3025YSGC
GaAsP/GaP
588
water clear
4
15
100°
GaP
568
7
20
KPBL-3025QBDSYKC
InGaN
470
water clear
50
180
100°
AlGaInP
590
70
150
KPBD-3224ESGC
GaAsP/GaP
625
water clear
18
60
20°
3.2mm x 2.4mm x 2.4mm (Dome Lens)
GaP
568
10
60
KPBD-3224SURKSGC
AlGaInP
630
water clear
380
1200
20°
GaP
568
10
60
KPBD-3224SURKCGKC
AlGaInP
630
water clear
380
1200
20°
AlGaInP
570
110
300
KPBD-3224YSGC
GaAsP/GaP
588
water clear
4
15
20°
GaP
568
10
60
KPBD-3224SYKCGKC
AlGaInP
590
water clear
110
500
20°
AlGaInP
570
110
300
Units : mm(inch)
Tolerance : ±0.2(0.008)
KPB-3025
NOTE:
1.KP series custom-made is available upon request.
Units : mm(inch)
Tolerance : ±0.2(0.008)
KPBL-3025
MULTI-COLOR SMD LED
Units : mm(inch)
Tolerance : ±0.1(0.004)
KPBD-3224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com