Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WP7104F3C Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP7104F3C
Description  T-1 (3mm) INFRARED EMITTING DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7104F3C Datasheet(HTML) 1 Page - Kingbright Corporation

  WP7104F3C Datasheet HTML 1Page - Kingbright Corporation WP7104F3C Datasheet HTML 2Page - Kingbright Corporation WP7104F3C Datasheet HTML 3Page - Kingbright Corporation WP7104F3C Datasheet HTML 4Page - Kingbright Corporation WP7104F3C Datasheet HTML 5Page - Kingbright Corporation WP7104F3C Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAF2297
REV NO: V.2
DATE: MAY/21/2007
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101008144
T-1 (3mm) INFRARED EMITTING DIODE
PRELIMINARY SPEC
Part Number: WP7104F3C
Features
MECHANICALLY AND SPECTRALLY MATCHED TO
THE PHOTOTRANSISTOR.
WATER CLEAR LENS.
RoHS COMPLIANT.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.
Description
F3 Made with Gallium Arsenide Infrared Emitting
diodes.


Similar Part No. - WP7104F3C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7104F3BT KINGBRIGHT-WP7104F3BT Datasheet
133Kb / 4P
T-1 (3mm) INFRA-RED EMITTING DIODE
More results

Similar Description - WP7104F3C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-34F3BT KINGBRIGHT-L-34F3BT Datasheet
51Kb / 3P
T-1 (3mm) INFRA-RED EMITTING DIODE
WP34F3C KINGBRIGHT-WP34F3C Datasheet
104Kb / 4P
T-1 (3mm) INFRA-RED EMITTING DIODE
WP34SF7C KINGBRIGHT-WP34SF7C Datasheet
184Kb / 4P
T-1 (3mm) INFRARED EMITTING DIODE
WP7104SF4C KINGBRIGHT-WP7104SF4C Datasheet
407Kb / 6P
T-1 (3mm) INFRARED EMITTING DIODE
WP710A10F3C KINGBRIGHT-WP710A10F3C_15 Datasheet
317Kb / 6P
T-1 (3mm) INFRARED EMITTING DIODE
WP710A10SF4C KINGBRIGHT-WP710A10SF4C_15 Datasheet
318Kb / 6P
T-1 (3mm) INFRARED EMITTING DIODE
WP710A10F3BT-P22 KINGBRIGHT-WP710A10F3BT-P22 Datasheet
741Kb / 5P
T-1 (3mm) Infrared Emitting Diode
WP710A10F3C-P22 KINGBRIGHT-WP710A10F3C-P22 Datasheet
725Kb / 5P
T-1 (3mm) Infrared Emitting Diode
WP710A10SF4BT-P22 KINGBRIGHT-WP710A10SF4BT-P22 Datasheet
740Kb / 5P
T-1 (3mm) Infrared Emitting Diode
WP710A10SF4C-P22 KINGBRIGHT-WP710A10SF4C-P22 Datasheet
745Kb / 5P
T-1 (3mm) Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com