Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX0552/PC Datasheet(PDF) 3 Page - Elektron Components Ltd.

Part # PX0552/PC
Description  Plugs and Sockets
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0552/PC Datasheet(HTML) 3 Page - Elektron Components Ltd.

  PX0552/PC Datasheet HTML 1Page - Elektron Components Ltd. PX0552/PC Datasheet HTML 2Page - Elektron Components Ltd. PX0552/PC Datasheet HTML 3Page - Elektron Components Ltd. PX0552/PC Datasheet HTML 4Page - Elektron Components Ltd. PX0552/PC Datasheet HTML 5Page - Elektron Components Ltd. PX0552/PC Datasheet HTML 6Page - Elektron Components Ltd. PX0552/PC Datasheet HTML 7Page - Elektron Components Ltd. PX0552/PC Datasheet HTML 8Page - Elektron Components Ltd. PX0552/PC Datasheet HTML 9Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
G
GEEN
NE
ER
RA
AL
L
P
PU
UR
RP
PO
OS
SE
E
C
C
O
O
N
N
N
N
E
E
C
C
T
T
O
O
R
R
S
S
Fax: 0181 507 2691
email: sales@bulgin.co.uk
74
Plugs and Sockets (3 & 4 pole)
Data
List No.
Terminations:
Max. Rating:
Contact Resistance:
Insulation Resistance:
A.C. Breakdown:
Operating Temp. Range:
Mouldings:
Contacts:
Accessories:
Mates With:
Screw terminals.
3A. 250V a.c.
<10m
Ω.
>104 M
Ω.
Pole - Pole 4.2kV.
Poles - Accessible Parts 2kV.
–20°C to + 70°C.
Glass Filled Nylon.
Pins/Terminals: Brass, Nickel Plated.
3 Pole - SA2404
4 Pole - SA2368
Solder sockets.
3A. 250V a.c.
<10m
Ω.
>104 M
Ω.
Pole - Pole 4.2kV.
Poles - Panel 8.2kV.
–20°C to + 70°C.
Glass Filled Nylon.
Sockets: Brass, Tin Plated.
PNo. 9455 (see page 80).
3 Pole - SA2403
4 Pole - SA2367
SA2403 (3 Pole)
SA2367 (4 Pole)
SA2404 (3 Pole)
SA2368 (4 Pole)
SA2403 (3 Pole)
SA2367 (4 Pole)
SA2404 (3 Pole)
SA2368 (4 Pole)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com