Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPR083 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPR083
Description  Proximity Capacitive Touch Sensor Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPR083 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR083 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
MPR083
Rev 5, 06/2010
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007–2010. All rights reserved.
This document contains a product under development. Freescale Semiconductor reserves the right to change or
discontinue this product without notice.
Product Preview
Proximity Capacitive Touch
Sensor Controller
MPR083 OVERVIEW
The MPR083 is an Inter-Integrated Circuit Communication (I2C) driven
Capacitive Touch Sensor Controller, optimized to manage an 8-position
rotary shaped capacitive array. The device can accommodate a wide
range of implementations through 3 output mechanisms, and many
configurable options.
Features
1.8 V to 3.6 V operation
41 µA average supply current with 1 s response time
2 µA Standby Current
Variable low power mode response time (32 ms – 4 s)
Rejects unwanted multi-key detections from EMI events such as PA
bursts or user handling
Ongoing pad analysis and detection is not reset by EMI events
Data is buffered in a FIFO for shortest access time
•IRQ output advises when FIFO has data
System can set interrupt behavior as immediate after event, or
program a minimum time between successive interrupts
Current rotary position is always available on demand for polling-
based systems
Sounder output can be enabled to generate key-click sound when
rotary is touched
Two hardware selectable I2C addresses allowing two devices on a
single I2C bus
Configurable real-time auto calibration
5 mm x 5 mm x 1 mm 16 lead QFN package
-40°C to +85°C operating temperature range
Implementations
Control Panels
Switch Replacements
Rotary and Linear Sliders
Typical Applications
Appliances
PC Peripherals
Access Controls
MP3 Players
Remote Controls
Mobile Phones
ORDERING INFORMATION
Device Name
Temperature Range
Case Number
Rotary Slider
MPR083Q
-40
C to +85C
1679
(16-Lead QFN)
8-Positions
MPR083EJ
948F
(16-Lead TSSOP)
E5
E6
E7
E8
VDD
VSS
ATTN
IRQ
MPR083
3
4
1
2
10
9
12
11
78
56
14 13
16 15
MPR083
Capacitive Touch
Sensor Controller
16-LEAD TSSOP
CASE 948F
Top View
Figure 1. Pin Connections
Bottom View
16-LEAD QFN
CASE 1679
E1
E2
E3
E4
E5
E6
E7
E8
VDD
VSS
SCL
SDA
AD0
SOUNDER
ATTN
IRQ
MPR083
1
4
3
2
5
8
7
6
16
13
14
15
12
9
10
11


Similar Part No. - MPR083

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083 Datasheet
367Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083 Datasheet
2Mb / 56P
Blood Pressure Monitor Using the Flexis QE128 Family
MPR083EJ FREESCALE-MPR083EJ Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR083EJ FREESCALE-MPR083EJ Datasheet
367Kb / 35P
Proximity Capacitive Touch Sensor Controller
More results

Similar Description - MPR083

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR084 FREESCALE-MPR084 Datasheet
378Kb / 39P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X Datasheet
283Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR121 FREESCALE-MPR121 Datasheet
253Kb / 13P
Proximity Capacitive Touch Sensor Controller
MPR031 FREESCALE-MPR031 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
logo
List of Unclassifed Man...
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
Single Channel Capacitive Proximity, Touch Controller
IQS228AS ETC2-IQS228AS Datasheet
1Mb / 30P
Single Channel Capacitive Proximity/Touch Controller
logo
CORE RIVER Semiconducto...
TC305K CORERIVER-TC305K Datasheet
2Mb / 14P
Capacitive Touch Sensor Controller
Revised May. 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com