Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EK21022 Datasheet(PDF) 16 Page - Greenlee Communications

Part # EK21022
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

EK21022 Datasheet(HTML) 16 Page - Greenlee Communications

Back Button EK21022 Datasheet HTML 12Page - Greenlee Communications EK21022 Datasheet HTML 13Page - Greenlee Communications EK21022 Datasheet HTML 14Page - Greenlee Communications EK21022 Datasheet HTML 15Page - Greenlee Communications EK21022 Datasheet HTML 16Page - Greenlee Communications EK21022 Datasheet HTML 17Page - Greenlee Communications EK21022 Datasheet HTML 18Page - Greenlee Communications EK21022 Datasheet HTML 19Page - Greenlee Communications EK21022 Datasheet HTML 20Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
156
ACSR Cable Cutter
• Precision machined, forged steel blades.
• Cuts ACSR service entrance cable.
• Steel handles with rubber hand grips.
SPECIFICATIONS
Capacity
ACSR cable – 2/0, 7/16" (11.1 mm)
piano wire – 1/8" (3.2 mm)
copper/aluminum cable – 350 kcmil (MCM) (150 mm2)
Length
28" (711 mm)
Weight
5.66 lbs. (2.6 kg)
CAT. NO.
UPC NO.
DESCRIPTION
749
32913
Heavy-Duty Cable Cutter
34320
34320
Replacement Bolt & Nut Set
Heavy-Duty Communication Cable Cutter
• Forged and heat-treated blades specially designed for
communications cable.
• Easily cuts cables up to 2-1/4" (57 mm) in diameter.
• Makes clean cuts with minimal distortion on lead-, rubber-, PVC- and
polyethelyne-sheathed cables.
• Blades and handles are replaceable in case of damage.
• Precision ground shear-type blades.
• Fiberglass handles with non-slip rubber grips.
CAT. NO.
UPC NO.
DESCRIPTION
765
06011
Heavy-Duty Communications Cutter
SPECIFICATIONS
Cutting Capacity
2-1/4" (57mm) Communications Cable (900 pair, 24 AWG)
Length
37" (940 mm)
Weight
7.2 lbs. (3.3 kg)
CAT. NO.
UPC NO.
DESCRIPTION
718
30208
Cable Cutter
Cable Cutter
• Economical, lightweight, fits easily into tool boxes.
• Heat-treated, precision ground, shear action blades.
• Steel handles with rubber grips for leverage.
• Made in USA.
SPECIFICATIONS
Capacity
Copper
Aluminum
Maximum
350 kcmil (MCM) (150mm2)
Frequent Use
4/0 (95 mm2)
350 kcmil (MCM) (150 mm2)
Length
18" (457 mm)
Weight
2.78 lbs. (1.3 kg)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com