Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP112BIDRLR Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TMP112BIDRLR
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112BIDRLR Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMP112BIDRLR Datasheet HTML 39Page - Texas Instruments TMP112BIDRLR Datasheet HTML 40Page - Texas Instruments TMP112BIDRLR Datasheet HTML 41Page - Texas Instruments TMP112BIDRLR Datasheet HTML 42Page - Texas Instruments TMP112BIDRLR Datasheet HTML 43Page - Texas Instruments TMP112BIDRLR Datasheet HTML 44Page - Texas Instruments TMP112BIDRLR Datasheet HTML 45Page - Texas Instruments TMP112BIDRLR Datasheet HTML 46Page - Texas Instruments TMP112BIDRLR Datasheet HTML 47Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
www.ti.com
PACKAGE OUTLINE
C
1.7
1.5
4X 0.5
2X 1
6X
0.3
0.1
0.6 MAX
6X
0.18
0.08
6X
0.4
0.2
0.05
0.00
TYP
6X
0.27
0.15
B
1.3
1.1
A
1.7
1.5
NOTE 3
SOT - 0.6 mm max height
DRL0006A
PLASTIC SMALL OUTLINE
4223266/C 12/2021
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MO-293 Variation UAAD
1
6
PIN 1
ID AREA
3
4
SEATING PLANE
0.05 C
SCALE 8.000
0.1
C A B
0.05
SYMM
SYMM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com