Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3KP40C Datasheet(PDF) 3 Page - Won-Top Electronics

Part # 3KP40C
Description  3000W TRANSIENT VOLTAGE SUPPRESSOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

3KP40C Datasheet(HTML) 3 Page - Won-Top Electronics

  3KP40C Datasheet HTML 1Page - Won-Top Electronics 3KP40C Datasheet HTML 2Page - Won-Top Electronics 3KP40C Datasheet HTML 3Page - Won-Top Electronics 3KP40C Datasheet HTML 4Page - Won-Top Electronics 3KP40C Datasheet HTML 5Page - Won-Top Electronics 3KP40C Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: September, 2012
3
Electrical Characteristics (@TA=25°C unless otherwise specified) Table 1
Breakdown Voltage
VBR (V) @IT
Uni-Directional
Part No.
Bi-Directional
Part No.
Reverse
Stand-Off
Voltage
VRWM (V)
Min.
Max.
Test
Current
IT (mA)
Maximum
Clamping
Voltage @IPP
VC (V)
Peak Pulse
Current
IPP (A)
Reverse
Leakage*
@VRWM
IR (µA)
3KP5.0
3KP5.0A
3KP6.0
3KP6.0A
3KP5.0C
3KP5.0CA
3KP6.0C
3KP6.0CA
5.0
5.0
6.0
6.0
6.40
6.40
6.67
6.67
7.30
7.00
8.15
7.37
50
50
50
50
9.6
9.2
11.4
10.3
312.50
326.09
263.16
291.26
5000
5000
5000
5000
3KP6.5
3KP6.5A
3KP7.0
3KP7.0A
3KP6.5C
3KP6.5CA
3KP7.0C
3KP7.0CA
6.5
6.5
7.0
7.0
7.22
7.22
7.78
7.78
8.82
7.98
9.51
8.60
50
50
50
50
12.3
11.2
13.3
12.0
243.90
267.86
225.56
250.00
2000
2000
1000
1000
3KP7.5
3KP7.5A
3KP8.0
3KP8.0A
3KP7.5C
3KP7.5CA
3KP8.0C
3KP8.0CA
7.5
7.5
8.0
8.0
8.33
8.33
8.89
8.89
10.20
9.21
10.90
9.83
5
5
5
5
14.3
12.9
15.0
13.6
209.79
232.56
200.00
220.59
250
250
150
150
3KP8.5
3KP8.5A
3KP9.0
3KP9.0A
3KP8.5C
3KP8.5CA
3KP9.0C
3KP9.0CA
8.5
8.5
9.0
9.0
9.44
9.44
10.00
10.00
11.50
10.40
12.20
11.10
5
5
5
5
15.9
14.4
16.9
15.4
188.68
208.33
177.51
194.81
50
50
20
20
3KP10
3KP10A
3KP11
3KP11A
3KP10C
3KP10CA
3KP11C
3KP11CA
10.0
10.0
11.0
11.0
11.10
11.10
12.20
12.20
13.60
12.30
14.90
13.50
5
5
5
5
18.8
17.0
20.1
18.2
159.57
176.47
149.25
164.84
15
15
2
2
3KP12
3KP12A
3KP13
3KP13A
3KP12C
3KP12CA
3KP13C
3KP13CA
12.0
12.0
13.0
13.0
13.30
13.30
14.40
14.40
16.30
14.70
17.60
15.90
5
5
5
5
22.0
19.9
23.8
21.5
136.36
150.75
126.05
139.53
2
2
2
2
3KP14
3KP14A
3KP15
3KP15A
3KP14C
3KP14CA
3KP15C
3KP15CA
14.0
14.0
15.0
15.0
15.60
15.60
16.70
16.70
19.10
17.20
20.40
18.50
5
5
5
5
25.8
23.2
26.9
24.4
116.28
129.31
111.52
122.95
2
2
2
2
3KP16
3KP16A
3KP17
3KP17A
3KP16C
3KP16CA
3KP17C
3KP17CA
16.0
16.0
17.0
17.0
17.80
17.80
18.90
18.90
21.80
19.70
23.10
20.90
5
5
5
5
28.8
26.0
30.5
27.6
104.17
115.38
98.36
108.70
2
2
2
2
3KP18
3KP18A
3KP20
3KP20A
3KP18C
3KP18CA
3KP20C
3KP20CA
18.0
18.0
20.0
20.0
20.00
20.00
22.20
22.20
24.40
22.10
27.10
24.50
5
5
5
5
32.2
29.2
35.8
32.4
93.17
102.74
83.80
92.59
2
2
2
2
3KP22
3KP22A
3KP24
3KP24A
3KP22C
3KP22CA
3KP24C
3KP24CA
22.0
22.0
24.0
24.0
24.40
24.40
26.70
26.70
29.80
26.90
32.60
29.50
5
5
5
5
39.4
35.5
43.0
38.9
76.14
84.51
69.77
77.12
2
2
2
2
3KP26
3KP26A
3KP28
3KP28A
3KP26C
3KP26CA
3KP28C
3KP28CA
26.0
26.0
28.0
28.0
28.90
28.90
31.10
31.10
35.30
31.90
38.00
34.40
5
5
5
5
46.6
42.1
50.0
45.4
64.38
71.26
60.00
66.08
2
2
2
2
3KP30
3KP30A
3KP33
3KP33A
3KP30C
3KP30CA
3KP33C
3KP33CA
30.0
30.0
33.0
33.0
33.30
33.30
36.70
36.70
40.70
36.80
44.90
40.60
5
5
5
5
53.5
48.4
59.0
53.3
56.07
61.98
50.85
56.29
2
2
2
2
3KP36
3KP36A
3KP40
3KP40A
3KP36C
3KP36CA
3KP40C
3KP40CA
36.0
36.0
40.0
40.0
40.00
40.00
44.40
44.40
48.90
44.20
54.30
49.10
5
5
5
5
64.3
58.1
71.4
64.5
46.66
51.64
42.02
46.51
2
2
2
2
3KP43
3KP43A
3KP45
3KP45A
3KP43C
3KP43CA
3KP45C
3KP45CA
43.0
43.0
45.0
45.0
47.80
47.80
50.00
50.00
58.40
52.80
61.10
55.30
5
5
5
5
76.7
69.4
80.3
72.7
39.11
43.23
37.36
41.27
2
2
2
2
3KP48
3KP48A
3KP51
3KP51A
3KP48C
3KP48CA
3KP51C
3KP51CA
48.0
48.0
51.0
51.0
53.30
53.30
56.70
56.70
65.10
58.90
69.30
62.70
5
5
5
5
85.5
77.4
91.1
82.4
35.09
38.76
32.93
36.41
2
2
2
2
3KP54
3KP54A
3KP58
3KP58A
3KP54C
3KP54CA
3KP58C
3KP58CA
54.0
54.0
58.0
58.0
60.00
60.00
64.40
64.40
73.30
66.30
78.70
71.20
5
5
5
5
96.3
87.1
103.0
93.6
31.15
34.44
29.13
32.05
2
2
2
2
*For bi-directional devices VRWM ≤ 10V, the IR limit is double.
3KP SERIES
WON-TOP ELECTRONICS
®



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com