Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

34701 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 34701
Description  1.5 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34701 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  34701 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34701 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
34701
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 34701 Simplified Internal Block Diagram
VIN1
VBST
VBD
VIN
VDDI
Internal
Supply
Boost
Control
Bandgap
Voltage
Reference
EN1
EN2
RT
ADDR
SDA
SCL
RST
Power
Sequencing
Voltage Margining
Watchdog Timer
Reset
Control
POR
Timer
Buck
Control
Logic
Buck
HS
and
LS
Driver
Thermal
Limit
I2C
Interface
Switcher
Oscillator
300 kHz
Ramp
Gen.
UVLO
Linear
Regulator
Control
ILim
+
-
+
-
VBST
VREF
VREF
VREF
VREF
VBST
VBST
VBST
VDDI
VDDI
VDDI
VDDI
VDDI
VDDI
LDRV
CS
LDO
LFB
LCMP
BOOT
SW
VIN2
PGND
INV
VOUT
GND
FREQ
CLKSYN
CLKSEL
(4)
(2)
(2)
(2)
8.0 V
0.8 V
Reset
Power
Enable
SysCon
I2C
Control
SysCon
SoftSt
Power
Down
Current Limit
PWM
Comp
Error
Amp
VLDO
VOUT
To Reset
Control
VOUT
Power
Seq
Power
Seq
I2C
Control
Q1
Q2
INV
LFB
Q3
Q4
To Reset
Control
Q5
Q6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com