Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDS4435BZ Datasheet(PDF) 5 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDS4435BZ
Description  -30V P-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDS4435BZ Datasheet(HTML) 5 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDS4435BZ Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435BZ Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435BZ Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435BZ Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435BZ Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435BZ Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435BZ Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Figure 13. Single Pulse Maximum Power Dissipation
10
-4
10
-3
10
-2
10
-1
110
100
1000
1
10
100
1000
V
GS = -10 V
SINGLE PULSE
RTJA = 125
o
C/W
T
A = 25
o
C
t, PULSE WIDTH (s)
0.5
Figure 14. Transient Thermal Response Curve
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.001
0.01
0.1
1
SINGLE PULSE
RTJA = 125
o
C/W
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
2
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZTJA x RTJA + TA
Typical CharacteristicsT
J = 25°C unless otherwise noted
FDS4435
-30V P-Channel MOSFET
Rev:2023A2
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com