Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRF3710Z Datasheet(PDF) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF3710Z
Description  N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF3710Z Datasheet(HTML) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF3710Z Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF3710Z Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF3710Z Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF3710Z Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Package Information
TO-220
SYMBOL MIN
NOM
MAX
MIN
NOM
MAX
A
4.40
4.57
4.70
0.173
0.180
0.185
A1
1.27
1.30
1.33
0.050
0.051
0.052
A2
2.35
2.40
2.50
0.093
0.094
0.098
b
0.77
0.80
0.90
0.030
0.031
0.035
b2
1.17
1.27
1.36
0.046
0.050
0.054
c
0.48
0.50
0.56
0.019
0.020
0.022
D
15.40
15.60
15.80
0.606
0.614
0.622
D1
9.00
9.10
9.20
0.354
0.358
0.362
DEP
0.05
0.10
0.20
0.002
0.004
0.008
E
9.80
10.00
10.20
0.386
0.394
0.402
E1
-
8.70
-
-
0.343
-
E2
9.80
10.00
10.20
0.386
0.394
0.402
e
2.54 BSC
0.100 BSC
e1
5.08 BSC
0.200 BSC
H1
6.40
6.50
6.60
0.252
0.256
0.260
L
12.75
13.50
13.65
0.502
0.531
0.537
L1
-
3.10
3.30
-
0.122
0.130
L2
2.50 REF
0.098 REF
P
3.50
3.60
3.63
0.138
0.142
0.143
P1
3.50
3.60
3.63
0.138
0.142
0.143
Q
2.73
2.80
2.87
0.107
0.110
0.113
θ1
5°
7°
9°
5°
7°
9°
θ2
1°
3°
5°
1°
3°
5°
θ3
1°
3°
5°
1°
3°
5°
IRF3710Z
N-Channel Enhancement Mode MOSFET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com