Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCF52235 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MCF52235
Description  ColdFire Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52235 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MCF52235 Datasheet HTML 17Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 18Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 19Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 20Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 21Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 24Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
UART 13
UCTS1
SYNCA
RXD2
PUB[3]
PDSR[15]
—
—
J3
24
16
URTS1
SYNCB
TXD2
PUB[2]
PDSR[14]
—
—
H3
23
15
URXD1
—
FEC_TXD[0]
PUB[1]
PDSR[13]
PWOR[2]
—
K3
32
23
UTXD1
—
FEC_COL
PUB[0]
PDSR[12]
PWOR[3]
—
L3
33
24
UART 2
UCTS2
—
—
PUC[3]
PDSR[27]
—
—
L10
61
—
URTS2
—
—
PUC[2]
PDSR[26]
—
—
K10
60
—
URXD2
—
—
PUC[1]
PDSR[25]
—
—
K11
62
—
UTXD2
—
—
PUC[30]
PDSR[24]
—
—
L11
63
—
FlexCAN3
SYNCA
CANTX3
FEC_MDIO
PAS[3]
PDSR[39]
—
—
—
28
20
See Note4
SYNCB
CANRX4
FEC_MDC
PAS[2]
PDSR[39]
—
—
—
27
19
See Note4
VDD5,11
VDD
—
—
—
N/A
N/A
—
D7, E8
65,102
45,74
VDDX
VDDX
—
—
—
N/A
N/A
—
D5, D6, E6,
G5, G6,
G7, H6
14, 43
10, 31
VSS
VSS
—
—
—
N/A
N/A
—
E4, E5, E7,
F4, F5, F6,
F7, F8
64,101
44,73
VSSX
VSSX
—
—
—
N/A
N/A
—
—
15, 42
11, 30
1 The PDSR and PSSR registers are described in the MCF52235 Reference Manual. All programmable signals default to 2mA drive in normal (single-chip) mode.
2 All signals have a pull-up in GPIO mode.
3 The use of an external PHY limits ADC, interrupt, and QSPI functionality, and disables the UART0/1 and timer pins.
4 The multiplexed CANTX and CANRX signals do not have dedicated pins, but are available as muxed replacements for other signals.
5 The VDD1, VDD2, VDDPLL and PHY_VDD pins are for decoupling only, and should NOT have power directly applied to them.
6 For primary and GPIO functions only.
7 Only when JTAG mode is enabled.
8 For secondary and GPIO functions only.
9 RSTI has an internal pull-up resistor; however the use of an external resistor is very strongly recommended.
10 For GPIO function. Primary Function has pull-up control within the GPT module.
11 This list for power and ground does not include those dedicated power/ground pins included elsewhere, e.g. in the ethernet PHY.
Table 3. Pin Functions by Primary and Alternate Purpose (continued)
Pin
Group
Primary
Function
Secondary
Function
Tertiary
Function
Quaternary
Function
Drive
Strength /
Control1
Wired OR
Control
Pull-up /
Pull-down2
Pin on 121
MAPBGA
Pin on
112 LQFP
Pin on
80 LQFP
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com