Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA1220DR2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMA1220DR2
Description  Low G Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA1220DR2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMA1220DR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA1220DR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA1220DR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA1220DR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA1220DR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA1220DR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA1220DR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA1220DR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA1220DR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MMA1220D
Sensors
6
Freescale Semiconductor
N/C
N/C
N/C
ST
VOUT
STATUS
VSS
VDD
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
−Z
+Z
Vout = 2.75V
+1g
Direction of Earth’s gravity field(1)
Vout = 2.25V
−1g
Vout = 2.50V
0g
Vout = 2.50V
0g
Activation of Self test moves
the center plate in the
−Z
direction, resulting in an
increase in the output.
DYNAMIC ACCELERATION SENSING DIRECTION
Acceleration of the package
in the
+Z direction (center
plate moves in the
−Z
direction) will result in an
increase in the output.
STATIC ACCELERATION SENSING DIRECTION
1. When positioned as shown, the Earth's gravity will result in a positive 1g output.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com