Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA2301 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMA2301
Description  Surface Mount Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA2301 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMA2301 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA2301 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA2301 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA2301 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA2301 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA2301 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA2301 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA2301 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA2301 Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Sensors
6
Freescale Semiconductor
MMA2301D
* When positioned as shown, the Earth's gravity will result in a positive 1g output.
Dynamic Acceleration Sensing Direction
10 11 12 13 14 15 16
8 7 65
4 3 21
9
Direction of Earth's gravity field.*
Front View
Side View
Static Acceleration Sensing Direction
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
−
x
+
x
16-Pin SOIC Package
N/C pins are recommended to be left FLOATING
Top View
Acceleration of the package
in the +X direction (center
plate moves in the -X
direction) will result in an
increase in the output.
Activation of Self Test
moves the center plate in
the
−X direction, resulting in
an increase in the output.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com