Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA6260QR2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MMA6260QR2
Description  짹1.5g Dual Axis Micromachined Accelerometer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6260QR2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MMA6260QR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6260QR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6260QR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6260QR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6260QR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6260QR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6260QR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6260QR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6260QR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MMA6260Q
Sensors
2
Freescale Semiconductor
ELECTRO STATIC DISCHARGE (ESD)
WARNING: This device is sensitive to electrostatic
discharge.
Although the Freescale accelerometers contain internal
2 kV ESD protection circuitry, extra precaution must be taken
by the user to protect the chip from ESD. A charge of over
2000 volts can accumulate on the human body or associated
test equipment. A charge of this magnitude can alter the
performance or cause failure of the chip. When handling the
accelerometer, proper ESD precautions should be followed
to avoid exposing the device to discharges which may be
detrimental to its performance.
X-Filter
X-Gain
X-Integrator
X-Temp
Comp
Clock Generator
Oscillator
Control Logic &
EEPROM Trim Circuits
Y-Temp
Comp
Y-Filter
Y-Gain
Y-Integrator
G-Cell
Sensor
Self Test
ST
VDD
XOUT
YOUT
VSS
Figure 2. Simplified Accelerometer Functional Block Diagram
Table 1. Maximum Ratings
(Maximum ratings are the limits to which the device can be exposed without causing permanent damage.)
Rating
Symbol
Value
Unit
Maximum Acceleration (all axis)
gmax
±2000
g
Supply Voltage
VDD
–0.3 to +3.6
V
Drop Test(1)
1. Dropped onto concrete surface from any axis.
Ddrop
1.2
m
Storage Temperature Range
Tstg
–40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com