Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC885CZP66 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC885CZP66
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885CZP66 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC885CZP66 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC885CZP66 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC885CZP66 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC885CZP66 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC885CZP66 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC885CZP66 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC885CZP66 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC885CZP66 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC885CZP66 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
19
Freescale Semiconductor
Bus Signal Timing
B27
A(0:31) and BADDR(28:30) to CS
asserted GPCM ACS = 10, TRLX = 1
(MIN = 1.25
× B1 – 2.00)
35.90
29.30
16.90
13.60
ns
B27a
A(0:31) and BADDR(28:30) to CS
asserted GPCM ACS = 11, TRLX = 1
(MIN = 1.50
× B1 – 2.00)
43.50
35.50
20.70
16.75
ns
B28
CLKOUT rising edge to WE(0:3) negated
GPCM write access CSNT = 0
(MAX = 0.00
× B1 + 9.00)
9.00
9.00
9.00
9.00
ns
B28a
CLKOUT falling edge to WE(0:3) negated
GPCM write access TRLX = 0, CSNT = 1,
EBDF = 0 (MAX = 0.25
× B1 + 6.80)
7.60
14.30
6.30
13.00
3.80
10.50
3.13
9.93
ns
B28b
CLKOUT falling edge to CS negated
GPCM write access TRLX = 0, CSNT = 1
ACS = 10 or ACS = 11, EBDF = 0
(MAX = 0.25
× B1 + 6.80)
—14.30
—13.00
—10.50
9.93
ns
B28c
CLKOUT falling edge to WE(0:3) negated
GPCM write access TRLX = 0, CSNT = 1
write access TRLX = 0, CSNT = 1,
EBDF = 1 (MAX = 0.375
× B1 + 6.6)
10.90 18.00 10.90 18.00
5.20
12.30
4.69
11.29
ns
B28d
CLKOUT falling edge to CS negated
GPCM write access TRLX = 0, CSNT = 1,
ACS = 10, or ACS = 11, EBDF = 1
(MAX = 0.375
× B1 + 6.6)
18.00
18.00
12.30
11.30
ns
B29
WE(0:3) negated to D(0:31) High-Z GPCM
write access, CSNT = 0, EBDF = 0
(MIN = 0.25
× B1 – 2.00)
5.60
4.30
1.80
1.13
ns
B29a
WE(0:3) negated to D(0:31) High-Z GPCM
write access, TRLX = 0, CSNT = 1,
EBDF = 0 (MIN = 0.50
× B1 – 2.00)
13.20
10.50
5.60
4.25
ns
B29b
CS negated to D(0:31) High-Z GPCM write
access, ACS = 00, TRLX = 0 & CSNT = 0
(MIN = 0.25
× B1 – 2.00)
5.60
4.30
1.80
1.13
ns
B29c
CS negated to D(0:31) High-Z GPCM write
access, TRLX = 0, CSNT = 1, ACS = 10,
or ACS = 11 EBDF = 0
(MIN = 0.50
× B1 – 2.00)
13.20
10.50
5.60
4.25
ns
B29d
WE(0:3) negated to D(0:31) High-Z GPCM
write access, TRLX = 1, CSNT = 1,
EBDF = 0 (MIN = 1.50
× B1 – 2.00)
43.50
35.50
20.70
16.75
ns
B29e
CS negated to D(0:31) High-Z GPCM write
access, TRLX = 1, CSNT = 1, ACS = 10,
or ACS = 11 EBDF = 0
(MIN = 1.50
× B1 – 2.00)
43.50
35.50
20.70
16.75
ns
Table 9. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
66 MHz
80 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com