Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC885CZP133 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC885CZP133
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885CZP133 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC885CZP133 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC885CZP133 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
4
Freescale Semiconductor
Features
— Advanced encryption standard unit (AESU)
– Implements the Rinjdael symmetric key cipher
– ECB, CBC, and counter modes
– 128-, 192-, and 256- bit key lengths
— Message digest execution unit (MDEU)
– SHA with 160- or 256-bit message digest
– MD5 with 128-bit message digest
– HMAC with either algorithm
— Crypto-channel supporting multi-command descriptor chains
— Integrated controller managing internal resources and bus mastering
—
Buffer size of 256 bytes for the DEU, AESU, and MDEU, with flow control for large data sizes
•
Interrupts
— Six external interrupt request (IRQ) lines
— 12 port pins with interrupt capability
— 23 internal interrupt sources
— Programmable priority between SCCs
— Programmable highest priority request
•
Communications processor module (CPM)
— RISC controller
— Communication-specific commands (for example, GRACEFUL STOP TRANSMIT, ENTER HUNT MODE, and
RESTART TRANSMIT
)
— Supports continuous mode transmission and reception on all serial channels
— 8-Kbytes of dual-port RAM
— Several serial DMA (SDMA) channels to support the CPM
— Three parallel I/O registers with open-drain capability
•On-chip 16
× 16 multiply accumulate controller (MAC)
— One operation per clock (two-clock latency, one-clock blockage)
— MAC operates concurrently with other instructions
— FIR loop—Four clocks per four multiplies
•
Four baud rate generators
— Independent (can be connected to any SCC or SMC)
— Allow changes during operation
— Autobaud support option
•
Up to three serial communication controllers (SCCs) supporting the following protocols:
— Serial ATM capability on SCCs
— Optional UTOPIA port on SCC4
— Ethernet/IEEE 802.3 optional on the SCC(s) supporting full 10-Mbps operation
— HDLC/SDLC
— HDLC bus (implements an HDLC-based local area network (LAN))
— Asynchronous HDLC to support point-to-point protocol (PPP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com