Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC866PVR133A Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC866PVR133A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC866PVR133A Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC866PVR133A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC866PVR133A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC866PVR133A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC866PVR133A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC866PVR133A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC866PVR133A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC866PVR133A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC866PVR133A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC866PVR133A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
2
Freescale Semiconductor
Features
Table 1 shows the functionality supported by the members of the MPC866/859 family.
2Features
The following list summarizes the key MPC866/859 features:
•
Embedded single-issue, 32-bit PowerPC™ core (implementing the PowerPC architecture) with
thirty-two 32-bit general-purpose registers (GPRs)
— The core performs branch prediction with conditional prefetch, without conditional execution
— 4- or 8-Kbyte data cache and 4- or 16-Kbyte instruction cache (see Table 1)
– 16-Kbyte instruction cache (MPC866P and MPC859P) is four-way, set-associative with 256 sets;
4-Kbyte instruction cache (MPC866T, MPC859T, and MPC859DSL) is two-way, set-associative
with 128 sets.
– 8-Kbyte data cache (MPC866P and MPC859P) is two-way, set-associative with 256 sets; 4-Kbyte
data cache(MPC866T, MPC859T, and MPC859DSL) is two-way, set-associative with 128 sets.
– Cache coherency for both instruction and data caches is maintained on 128-bit (4-word) cache
blocks
– Caches are physically addressed, implement a least recently used (LRU) replacement algorithm, and
are lockable on a cache block basis.
— MMUs with 32-entry TLB, fully associative instruction and data TLBs
— MMUs support multiple page sizes of 4, 16, and 512 Kbytes, and 8 Mbytes; 16 virtual address spaces
and 16 protection groups.
— Advanced on-chip-emulation debug mode
•
The MPC866/859 provides enhanced ATM functionality over that of the MPC860SAR. The MPC866/859
adds major new features available in 'enhanced SAR' (ESAR) mode, including the following:
— Improved operation, administration, and maintenance (OAM) support
— OAM performance monitoring (PM) support
— Multiple APC priority levels available to support a range of traffic pace requirements
Table 1. MPC866 Family Functionality
Part
Cache
Ethernet
SCC
SMC
Instruction
Data
10T
10/100
MPC866P
16 Kbytes
8 Kbytes
Up to 4
1
4
2
MPC866T
4 Kbytes
4 Kbytes
Up to 4
1
4
2
MPC859P
16 Kbytes
8 Kbytes
1112
MPC859T
4 Kbytes
4 Kbytes
1112
MPC859DSL
4 Kbytes
4 Kbytes
1
1
1 1
1
On the MPC859DSL, the SCC (SCC1) is for ethernet only. Also, the MPC859DSL does not support the Time Slot
Assigner (TSA).
1 2
2
On the MPC859DSL, the SMC (SMC1) is for UART only.
MPC852T 3
3
For more details on the MPC852T, please refer to the
MPC852T Hardware Specifications.
4 KBytes
4 Kbytes
2121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com