Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8272CVRB Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC8272CVRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8272CVRB Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC8272CVRB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8272CVRB Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
MPC8272 PowerQUICC II™ Family Hardware Specifications, Rev. 1.5
24
Freescale Semiconductor
Clock Configuration Modes
7
Clock Configuration Modes
As shown in Table 15, the clocking mode is set according to two sources:
•
PCI_CFG[0]— An input signal. Also defined as “PCI_HOST_EN.” Refer to the Chapter 6,
“External Signals,” and Chapter 9, “PCI Bridge,” in the MPC8272 PowerQUICC II™ Family
Reference Manual.
•
PCI_MODCK—Bit 27 in the Hard Reset Configuration Word. Refer to Chapter 5, “Reset,” in the
MPC8272 PowerQUICC II™ Family Reference Manual.
Within each mode, the configuration of bus, core, PCI, and CPM frequencies is determined by seven bits
during the power-on reset—three hardware configuration pins (MODCK[1–3]) and four bits from
JTAG external clock to output high impedance
Boundary-scan data
TDO
tJTKLDZ
tJTKLOZ
1
1
10
10
ns
ns
5, 6
5, 6
1 All outputs are measured from the midpoint voltage of the falling/rising edge of t
TCLK to the midpoint of the signal
in question. The output timings are measured at the pins. All output timings assume a purely resistive 50-
Ω load.
Time-of-flight delays must be added for trace lengths, vias, and connectors in the system.
2 The symbols used for timing specifications herein follow the pattern of t
(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t((first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example,
tJTDVKH symbolizes JTAG device timing (JT) with respect to the time data input signals (D) reaching the valid state
(V) relative to the tJTG clock reference (K) going to the high (H) state or setup time. Also, tJTDXKH symbolizes JTAG
timing (JT) with respect to the time data input signals (D) went invalid (X) relative to the tJTG clock reference (K)
going to the high (H) state. Note that, in general, the clock reference symbol representation is based on three letters
representing the clock of a particular functional. For rise and fall times, the latter convention is used with the
appropriate letter: R (rise) or F (fall).
3 TRST is an asynchronous level sensitive signal. The setup time is for test purposes only.
4 Non-JTAG signal input timing with respect to t
TCLK.
5 Non-JTAG signal output timing with respect to t
TCLK.
6 Guaranteed by design.
7 Guaranteed by design and device characterization.
Table 15. MPC8272 Clocking Modes
Pins
Clocking Mode
PCI Clock Frequency
Range (MHZ)
Reference
PCI_CFG[0] 1
1
PCI_HOST_EN
PCI_MODCK 2
2
Determines PCI clock frequency range.
0
0
PCI host
50–66
Table 16
0
1
25–50
Table 17
1
0
PCI agent
50–66
Table 18
1
1
25–50
Table 19
Table 14. JTAG Timings1 (continued)
Parameter
Symbol2
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com