Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8270CVRB Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC8270CVRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270CVRB Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC8270CVRB Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8270CVRB Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
35
Clock Configuration Modes
7.3 PCI Agent Mode
Table 19 and Table 20 show configurations for PCI agent mode. The frequencies listed are for the purpose of
illustration only. Users must select a mode and input bus frequency so that the resulting configuration does not
exceed the frequency rating of the user’s device. In addition, note the following:
NOTE: PCI_MODCK
In PCI mode only, PCI_MODCK comes from the LGPL5 pin and
MODCK_H[0–3] comes from {LGPL0, LGPL1, LGPL2, LGPL3}.
NOTE: Tval (Output Hold)
The minimum Tval = 2 ns when PCI_MODCK = 1, and the minimum Tval = 1 ns
when PCI_MODCK = 0. Therefore, designers should use clock configurations that
fit this condition to achieve PCI-compliant AC timing.
1110_010
50.0
100.0
3
150.0 300.0
4.5
225.0 450.0
6
25.0 50.0
1110_011
50.0
100.0
3
150.0 300.0
5
250.0 500.0
6
25.0 50.0
1110_100
50.0
100.0
3
150.0 300.0
5.5
275.0 550.0
6
25.0 50.0
1100_000
Reserved
1100_001
Reserved
1100_010
Reserved
1
The “low” values are the minimum allowable frequencies for a given clock mode. The minimum bus frequency in a table
entry guarantees only the required minimum CPU operating frequency. The “high” values are for the purpose of illustration
only. Users must select a mode and input bus frequency so that the resulting configuration does not violate the frequency
rating of the user’s device. The minimum CPM frequency is 120 MHz. Minimum CPU frequency is determined by the clock
mode. For modes with a CPU multiplication factor <= 3, the minimum CPU frequency is 150 MHz for commercial
temperature devices and 175 MHz for extended temperature devices. For modes with a CPU multiplication factor >= 3.5:
for Rev0.1 the minimum CPU frequency is 250 MHz; for RevA or later the minimum CPU frequency is 150 MHz for
commercial temperature devices and 175 MHz for extended temperature devices.
2
As Table 15 shows, PCI_MODCK determines the PCI clock frequency range. Refer to Table 17 for higher configurations.
3
MODCK_H = hard reset configuration word [28–31]. MODCK[1-3] = three hardware configuration pins.
4
60x and local bus frequency. Identical to CLKIN.
5
CPM multiplication factor = CPM clock/bus clock
6
CPU multiplication factor = Core PLL multiplication factor
Table 18. Clock Configurations for PCI Host Mode (PCI_MODCK=1) 1, 2 (continued)
Mode 3
Bus Clock 4
(MHz)
CPM
Multiplication
Factor 5
CPM Clock
(MHz)
CPU
Multiplication
Factor 6
CPU Clock
(MHz)
PCI
Division
Factor
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com