Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8555ECVTAJD Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC8555ECVTAJD
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8555ECVTAJD Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC8555ECVTAJD Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8555ECVTAJD Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8555ECVTAJD Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8555ECVTAJD Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8555ECVTAJD Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8555ECVTAJD Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8555ECVTAJD Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8555ECVTAJD Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8555ECVTAJD Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
MPC8555E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
45
CPM
Figure 23 shows the FCC internal clock.
Figure 23. FCC Internal AC Timing Clock Diagram
Figure 24 shows the FCC external clock.
Figure 24. FCC External AC Timing Clock Diagram
Figure 25 shows Ethernet collision timing on FCCs.
Figure 25. Ethernet Collision AC Timing Diagram (FCC)
FCC Output Signals
(When GFMR TCI = 1)
tFIKHOX
BRG_OUT
tFIIXKH
tFIIVKH
FCC Input Signals
FCC Output Signals
(When GFMR TCI = 0)
tFIKHOX
FCC Output Signals
(When GFMR TCI = 1)
tFEKHOX
Serial CLKIN
tFEIXKH
tFEIVKH
FCC Input Signals
FCC Output Signals
(When GFMR TCI = 0)
tFEKHOX
COL
(Input)
tFCCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com