Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8541EVTAJF Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPC8541EVTAJF
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541EVTAJF Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC8541EVTAJF Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8541EVTAJF Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8541EVTAJF Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8541EVTAJF Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8541EVTAJF Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8541EVTAJF Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8541EVTAJF Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8541EVTAJF Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8541EVTAJF Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
74
Freescale Semiconductor
Thermal
Figure 47. Exploded Views (2) of a Heat Sink Attachment using a Plastic Force
The die junction-to-ambient and the heat sink-to-ambient thermal resistances are common figure-of-merits
used for comparing the thermal performance of various microelectronic packaging technologies, one
should exercise caution when only using this metric in determining thermal management because no single
parameter can adequately describe three-dimensional heat flow. The final die-junction operating
temperature is not only a function of the component-level thermal resistance, but the system level design
and its operating conditions. In addition to the component’s power consumption, a number of factors affect
the final operating die-junction temperature: airflow, board population (local heat flux of adjacent
components), system air temperature rise, altitude, etc.
Due to the complexity and the many variations of system-level boundary conditions for today’s
microelectronic equipment, the combined effects of the heat transfer mechanisms (radiation convection
and conduction) may vary widely. For these reasons, we recommend using conjugate heat transfer models
for the boards, as well as, system-level designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com