Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8541CPXAKF Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MPC8541CPXAKF
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8541CPXAKF Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MPC8541CPXAKF Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8541CPXAKF Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8541CPXAKF Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8541CPXAKF Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8541CPXAKF Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8541CPXAKF Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8541CPXAKF Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8541CPXAKF Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8541CPXAKF Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
MPC8541E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
44
Freescale Semiconductor
CPM
Figure 26 shows the SPI 1,2external clock.
Figure 26. SPI AC Timing External Clock Diagram
Figure 27 shows the SPI 1,2 internal clock.
Figure 27. SPI AC Timing Internal Clock Diagram
1 SPI AC timings are internal mode when it is master since SPICLK is an
output, and external mode when it is slave.
2 SPI AC timings refer always to SPICLK.
Figure 28. PIO Signal Diagram
Serial CLKIN
tNEIXKH
tNEIVKH
tNEKHOX
Input Signals:
(See Note)
Output Signals:
(See Note)
Note:
SPI
SPI
The clock edge is selectable on SPI.
BRG_OUT
tNIIXKH
tNIKHOX
Input Signals:
(See Note)
Output Signals:
(See Note)
Note:
tNIIVKH
SPI
SPI
The clock edge is selectable on SPI.
Sys clk
PIO inputs
PIO outputs
tPIIVKH
tPIIXKH
tPIKHOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com