Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8555PXALD Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC8555PXALD
Description  PowerQUICC??III Integrated Communications Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8555PXALD Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC8555PXALD Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8555PXALD Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8555PXALD Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8555PXALD Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8555PXALD Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8555PXALD Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8555PXALD Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8555PXALD Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8555PXALD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
MPC8555E PowerQUICC™ III Integrated Communications Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
3
Overview
•
Security Engine is optimized to handle all the algorithms associated with IPSec, SSL/TLS, SRTP,
802.11i, iSCSI, and IKE processing. The Security Engine contains 4 Crypto-channels, a Controller,
and a set of crypto Execution Units (EUs). The Execution Units are:
— Public Key Execution Unit (PKEU) supporting the following:
– RSA and Diffie-Hellman
– Programmable field size up to 2048-bits
– Elliptic curve cryptography
– F2m and F(p) modes
– Programmable field size up to 511-bits
— Data Encryption Standard Execution Unit (DEU)
– DES, 3DES
– Two key (K1, K2) or Three Key (K1, K2, K3)
– ECB and CBC modes for both DES and 3DES
— Advanced Encryption Standard Unit (AESU)
– Implements the Rinjdael symmetric key cipher
– Key lengths of 128, 192, and 256 bits.Two key
– ECB, CBC, CCM, and Counter modes
— ARC Four execution unit (AFEU)
–
Implements a stream cipher compatible with the RC4 algorithm
–
40- to 128-bit programmable key
— Message Digest Execution Unit (MDEU)
– SHA with 160-bit or 256-bit message digest
– MD5 with 128-bit message digest
– HMAC with either algorithm
— Random Number Generator (RNG)
— 4 Crypto-channels, each supporting multi-command descriptor chains
–
Static and/or dynamic assignment of crypto-execution units via an integrated controller
–
Buffer size of 256 Bytes for each execution unit, with flow control for large data sizes
•
High-performance RISC CPM operating at up to 333 MHz
— CPM software compatibility with previous PowerQUICC families
— One instruction per clock
— Executes code from internal ROM or instruction RAM
— 32-bit RISC architecture
— Tuned for communication environments: instruction set supports CRC computation and bit
manipulation.
— Internal timer
— Interfaces with the embedded e500 core processor through a 32-Kbyte dual-port RAM and
virtual DMA channels for each peripheral controller
— Handles serial protocols and virtual DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com