Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC18730EP Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC18730EP
Description  Power Management IC with Five Regulated Outputs Programmed Through 3 Wire Serial Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EP Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC18730EP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC18730EP Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
18730
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Power Supply Voltage
VBATT
-0.5 to 5.0
V
Analog Signal Input (1)
VINAN
-0.5 to VO1+0.5
V
Logic Signal Input
WAKE1~4B
CLEAR, SLEEP, EXT_CLOCK, SCKIN, DATA, STRB
VGATESEL1,2
VILRSTB
VILGC
VILGSEL
-0.5 to V_STDBY+0.5
-0.5 to VO1_SENSE+0.5
-0.5 to VBATT+0.5
V
Output Power Current
VOUT1 Power Supply Circuit (2)
VOUT2 Power Supply Circuit
SREG1 Power Supply Circuit
SREG2 Power Supply Circuit
SREG3 Power Supply Circuit
VGATE Power Supply Circuit
PGOOD1 Power Supply Circuit
IOVO1
IOVO2
IOREG1
IOREG2
IOREG3
IOVG
IOPGOOD1
120
100
80
100
80
8
-20
mA
Open-Drain Output Apply Voltage
PGOOD1
LSWO
VIODR
VIODV
-0.5 to 3.3
-0.5 to 3.3
V
ESD Voltage (3)
Human Body Model (HBM)
Machine Model (MM)
Charge Device Model (CDM)
VESD1
VESD2
VCDM
±1500
± 200
± 750
V
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-10 to 65
150
°C
Storage Temperature
TSTG
-50 to 150
°C
Thermal Resistance (4)
Junction to Ambient
RθJA
69
°C/W
Lead Soldering Temperature(5)
TSOLDER
260
°C
Notes
1.
VREF, DMAX1, DMAX2, SREGC1, SREGC2, SREGC3 and RESET1_TH.
2.
Includes the series pass power supply circuit output current
3.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω), the Machine Model (MM)
(CZAP = 200 pF, RZAP = 0 Ω), and the Charge Device Model (CDM), Robotic (CZAP = 4.0pF).
4.
Device mounted on a 2s2p test board, in accordance with JEDEC JESD51-6 and JESD51-7.
5.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com