Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBT2222A-G Datasheet(PDF) 3 Page - Comchip Technology

Part # MMBT2222A-G
Description  Small Signal Transistor (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT2222A-G Datasheet(HTML) 3 Page - Comchip Technology

  MMBT2222A-G Datasheet HTML 1Page - Comchip Technology MMBT2222A-G Datasheet HTML 2Page - Comchip Technology MMBT2222A-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Electrical Characteristics (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Collector Base Time Constant
rb’CC
IE = 20 mA, VCB = 20 V,
150
ps
f = 31.8 MHz
Delay Time (see fig. 1)
td
IB1 = 15 mA, IC = 150 mA,
10
ns
VCC = 30V, VBE = -0.5 V
Rise Time (see fig. 1)
tr
IB1 = 15 mA, IC = 150 mA,
25
ns
VCC = 30V, VBE = -0.5 V
Storage Time (see fig. 2)
ts
IB1 = IB2 = 15 mA,
225
ns
IC = 150 mA, VCC = 30V
Fall Time (see fig. 2)
tf
IB1 = IB2 = 15 mA,
60
ns
IC = 150 mA, VCC = 30V
< 2 ns
0
C * < 10 pF
S
200
Ω
1.0 to 100
μs, DUTY CYCLE ≈ 2%
+30V
+16 V
-2 V
1k
Ω
Scope rise time < 4ns
*Total shunt capacitance of test jig,
connectors and oscilloscope
Switching Time Equivalent Test Circuit
Figure 1. Turn-ON Time
Figure 2. Turn-OFF Time
200
Ω
+30V
-4 V
C
< 10 pF
S
*
1.0 to 100
μs, DUTY CYCLE ≈ 2%
1k
Ω
< 20 ns
0
+16 V
-14 V
Page 3
Small Signal Transistor (NPN)
MMBT2222A-G (RoHS Device)
“-G” suffix designated RoHS compliant version



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com