Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS100GR. Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PS100GR.
Description  5-WAY® Binding Posts and SUPERCON® Electrical Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS100GR. Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PS100GR. Datasheet HTML 1Page - List of Unclassifed Manufacturers PS100GR. Datasheet HTML 2Page - List of Unclassifed Manufacturers PS100GR. Datasheet HTML 3Page - List of Unclassifed Manufacturers PS100GR. Datasheet HTML 4Page - List of Unclassifed Manufacturers PS100GR. Datasheet HTML 5Page - List of Unclassifed Manufacturers PS100GR. Datasheet HTML 6Page - List of Unclassifed Manufacturers PS100GR. Datasheet HTML 7Page - List of Unclassifed Manufacturers PS100GR. Datasheet HTML 8Page - List of Unclassifed Manufacturers PS100GR. Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Standard, Miniature and Larger Stud Double Assembly
5-WAY® Binding Posts
Double Assembly 5-WAY® Binding Posts are
designed for faster, more accurate mounting on
3/4-inch (19mm) centers. Conventional miniature,
standard and larger stud types have panel insulat-
ing parts in black only. Thumbnuts are available in
color combinations of red and black, black and black
and red and red. Plastic insulating parts have the
same characteristics as single types. Metal parts
are available in gold, nickel or tin plated brass parts.
Double assembly types are available in single packs
or in 10-quantity bulk packs. All are Underwriters
Laboratories recognized components.
Standard Hex Nut and Fluted Nut Types - Rated
for 30 A, 1000 V working.
Miniature Fluted Nut Types - Rated for 15A,
1000 V working.
Thumbnuts
Plating
on Brass
Parts
TYPE*
Max.
Amps
Insulator
Color
Design
Colors
Miniature (#6-3 2 UNC-2A Stud)
Flute d
Black & Black
Gold
Ni ckel
Tin
BP21-2BB
BP21-2BBN
BP21-2BBT
15
Black
Re d & Red
Gold
Ni ckel
Tin
BP21-2RR
BP21-2RRN
BP21-2RRT
Black & Re d
Gold
Ni ckel
Tin
BP21-2BR
BP21-2BRN
BP21-2BRT
Standard (#8-3 2 UNC-2A Stud)
Hex
Black & Black
Gold
Ni ckel
Tin
BP30-2BB
BP30-2BBN
BP30-2BBT
30
Black
Re d & Red
Gold
Ni ckel
Tin
BP30-2RR
BP30-2RRN
BP30-2RRT
Black & Re d
Gold
Ni ckel
Tin
BP30-2BR
BP30-2BRN
BP30-2BRT
Flute d
Black & Black
Gold
NIckel
Tin
BP31-2BB
BP31-2BBN
BP31-2BBT
30
Black
Re d & Red
Gold
NIckel
Tin
BP31-2RR
BP31-2RRN
BP31-2RRT
Black & Re d
Gold
NIckel
Tin
BP31-2BR
BP31-2BRN
BP31-2BRT
Larger Stud (#10-32 UNF-2A Stud)
Hex
Black & Black
Gold
NIckel
Tin
BP30-2BB10
BP30-2BB10 N
BP30-2BB10 T
30
Black
Re d & Red
Gold
NIckel
Tin
BP30-2RR10
BP30-2RR10 N
BP30-2RR10 T
Black & Re d
Gold
NIckel
Tin
BP30-2BR10
BP30-2BR10 N
BP30-2BR10 T
Flute d
Black & Black
Gold
NIckel
Tin
BP31-2BB10
BP31-2BB10 N
BP31-2BB10 T
30
Black
Re d & Red
Gold
NIckel
Tin
BP31-2RR10
BP31-2RR10 N
BP31-2RR10 T
Black & Re d
Gold
NIckel
Tin
BP31-2BR10
BP31-2BR10 N
BP31-2BR10 T
* Order single pack quantities by adding suffix “-1 PKG”, for example BP30-2BB-1 PKG;
order bulk pack quantities by adding suffix “-B PKG”, for example BP30-2BB-B PKG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com