Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8270CVRP Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8270CVRP
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270CVRP Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8270CVRP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8270CVRP Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
11
Thermal Characteristics
4
Thermal Characteristics
Table 6 describes thermal characteristics for both the packages. See Table 2 for information about a given device’s
package. For the discussions sections 4.1 and 4.5, PD = (VDD × IDD) + PI/O, where PI/O is the power dissipation of
the I/O drivers.
4.1 Estimation with Junction-to-Ambient Thermal Resistance
An estimation of the chip junction temperature, TJ, in C can be obtained from the following equation:
TJ = TA + (RθJA × PD)
where:
TA = ambient temperature (ºC)
RθJA = package junction-to-ambient thermal resistance (ºC/W)
PD = power dissipation in package
The junction-to-ambient thermal resistance is an industry standard value that provides a quick and easy estimation
of thermal performance. However, the answer is only an estimate; test cases have demonstrated that errors of a factor
of two (in the quantity TJ – TA) are possible.
3
The leakage current is measured for nominal VDDH,VCCSYN, and VDD.
4
VIL for IIC interface does not match IIC standard, but does meet IIC standard for VOL and should not cause any
compatibility issue.
5
MPC8280, MPC8275VR, MPC8275ZQ only.
Table 6. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Air Flow
480 TBGA
516 PBGA
Junction to ambient—
single-layer board 1
1
Assumes no thermal vias.
RθJA
16
27
°C/W
Natural convection
11
21
1 m/s
Junction to ambient—
four-layer board
RθJA
12
19
°C/W
Natural convection
916
1 m/s
Junction to board 2
2
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is
measured on the top surface of the board near the package.
RθJB
611
°C/W
—
Junction to case 3
3
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
RθJC
28
°C/W
—
Junction-to-package top 4
4
Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is
written as Psi-JT.
Ψ
JT
22
°C/W
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com