Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KT11P2JM34LFS Datasheet(PDF) 2 Page - C&K Components

Part # KT11P2JM34LFS
Description  Full SMT Top & Side Actuated Sealed Tact Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KT11P2JM34LFS Datasheet(HTML) 2 Page - C&K Components

  KT11P2JM34LFS Datasheet HTML 1Page - C&K Components KT11P2JM34LFS Datasheet HTML 2Page - C&K Components KT11P2JM34LFS Datasheet HTML 3Page - C&K Components KT11P2JM34LFS Datasheet HTML 4Page - C&K Components KT11P2JM34LFS Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
B–61
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ck-components.com
B
ACTUATOR
KT11
KT Series
Full SMT Top & Side Actuated Sealed Tact Switch
B0 SOFT, FLUSH*
B1 SOFT, 0,64 mm*
B2 SOFT, 2,24 mm*
P2 HARD, 2,36 mm
P3 HARD, 1,12 mm
S1 Ø0,1” FOR PRESS FIT CAPS***
S2 Ø0,14” FOR SNAP FIT CAPS***
P4 HARD, 3,96 mm**
1,12
(.044)
ø3,55
(.140)
3,96
(.156)
ø3,55
(.140)
(.173)
4,38
(.136)
3,44
2,36
(.093)
ø3,55
(.140)
4
3,18
(.125)
4,90
(.193)
ø5,08
(.200)
6,15
(.242)
4,98
(.196)
ø5,72
(.225)
4,29 SR
(.169)
4
3,18
(.125)
(.260)
6,60 MAX.
(.125)
3,18
(.034)
0,86
(.157)
4,00
(.298)
7,57
(.150)
ø3,81
(.030)
0,76 TYP.
2
4
0,64
(.025)
Ø 3,18
(Ø .125)
(.088)
2,24
(ø.125)
ø3,18
(.173)
4,38
(.136)
3,44
* B0, B1 & B2 available with A, A1 & A3 mounting bracket only.
** P2, P3, P4 actuators suitable with A1 & A2 mounting bracket only.
*** S1 & S2 available with A1 & A2 mounting bracket only.
**** JM available with BO, B1, B2, P2, P3, P4 without mounting bracket.
SERIES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com