Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CZRT5225-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CZRT5225-G
Description  Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRT5225-G Datasheet(HTML) 1 Page - Comchip Technology

  CZRT5225-G Datasheet HTML 1Page - Comchip Technology CZRT5225-G Datasheet HTML 2Page - Comchip Technology CZRT5225-G Datasheet HTML 3Page - Comchip Technology CZRT5225-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page1
Parameter
Power Dissipation (Note A) at 75
oC
Peak Forward Surge Current Surge, 8.3ms Single
Half Sine-Wave Superimposed on Rated Load
(JEDEC Method) (Note B)
Operating Junction and Storage Temperature Range
m
W
Amps
I
FSM
P
D
oC
Comchip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com
Units
Value
Symbols
TJ
500
4
-55 to +150
Case: SOD-23, Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Approx. Weight: 0.008 gram
Mechanical Data:
Circuit Schematic:
Maximum Ratings and Thermal Characterics
Planar Die Constructions
500mW Power Dissipation
Zener Voltages from 2.4V ~ 39V
Ideally Suited for Automated Assembly Processes
Features:
Voltage: 2.4 ~ 29 Volts
Power: 500 mW
CZRT5221-G thru CZRT5259-G
Surface Mount Zener Diodes
Notes:
A. Mounted on 5.0mm2(.013mm thick) land areas.
B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
“-G” suffix designated RoHS compliant version
Dimensions in inches (millimeters)
SOT-23
.056 (1.40)
.047 (1.20)
.020 (0.5)
.119 (3.0)
.110 (2.8)
.037 (0.95) .037 (0.95)
.103 (2.6)
.086 (2.2)
.029(0.5)
.020 (0.5)
Top View


Similar Part No. - CZRT5225-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRT5225 COMCHIP-CZRT5225 Datasheet
79Kb / 4P
Surface Mount Zener Diodes
CZRT5225B-G COMCHIP-CZRT5225B-G Datasheet
85Kb / 5P
SMD Zener Diode
CZRT5225B-HF COMCHIP-CZRT5225B-HF Datasheet
85Kb / 5P
SMD Zener Diode
CZRT5225B-HF COMCHIP-CZRT5225B-HF Datasheet
117Kb / 5P
SMD Zener Diode
More results

Similar Description - CZRT5225-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Pan Jit International I...
AZ23C5V6P PANJIT-AZ23C5V6P Datasheet
262Kb / 3P
SURFACE MOUNT ZENER DIODES
ZMM55-C2V4 PANJIT-ZMM55-C2V4_09 Datasheet
99Kb / 4P
SURFACE MOUNT ZENER DIODES
ZMM5221B PANJIT-ZMM5221B_09 Datasheet
102Kb / 4P
SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
MM9D2V4 WEITRON-MM9D2V4 Datasheet
499Kb / 3P
Surface Mount Zener Diodes
SMB5921B WEITRON-SMB5921B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
SMZJ3788B JUXING-SMZJ3788B Datasheet
595Kb / 2P
Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com