Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P4KE440 Datasheet(PDF) 3 Page - Comchip Technology

Part # P4KE440
Description  400W Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P4KE440 Datasheet(HTML) 3 Page - Comchip Technology

  P4KE440 Datasheet HTML 1Page - Comchip Technology P4KE440 Datasheet HTML 2Page - Comchip Technology P4KE440 Datasheet HTML 3Page - Comchip Technology P4KE440 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
V
WM
V
BR Min.
V
BR Max.
I
T
I
FSM
( V )
( V )
( V )
( mA ) (A)@8.3mS
( V )
IPPM(A)
UNI
BI
Part No.
Absolute Maximum Rating (Ta=25
OC)
Electrical Characteristics (Ta=25
OC)
Max. Vc @IPPM
Max. ID(uA) @VWM
P4KE56(c)A
47.8
53.2
58.8
1
40
77.0
5.5
5
5
P4KE62(c)
50.2
55.8
68.2
1
40
89.0
4.7
5
5
P4KE62(c)A
53.0
58.9
65.1
1
40
85.0
5.0
5
5
P4KE68(c)
55.1
61.2
74.8
1
40
98.0
4.3
5
5
P4KE68(c)A
58.1
61.6
71.4
1
40
92.0
4.6
5
5
P4KE75(c)
60.7
67.5
82.5
1
40
108.0
3.9
5
5
P4KE75(c)A
64.1
71.3
78.8
1
40
103.0
4.1
5
5
P4KE82(c)
66.4
73.8
90.2
1
40
118.0
3.6
5
5
P4KE82(c)A
70.1
77.9
86.1
1
40
113.0
3.7
5
5
P4KE91(c)
73.7
81.9
100.0
1
40
131.8
3.2
5
5
P4KE91(c)A
77.8
86.5
95.5
1
40
125.0
3.4
5
5
P4KE100(c)
81.0
90.0
110.0
1
40
144.0
2.9
5
5
P4KE100(c)A
85.5
95.0
105.0
1
40
137.0
3.1
5
5
P4KE110(c)
89.2
99.0
121.0
1
40
158.0
2.7
5
5
P4KE110(c)A
94.0
105.0
116.0
1
40
152.0
2.8
5
5
P4KE120(c)
97.2
108.0
132.0
1
40
173.0
2.4
5
5
P4KE120(c)A
102.0
114.0
126.0
1
40
165.0
2.5
5
5
P4KE130(c)
105.0
117.0
143.0
1
40
187.0
2.2
5
5
P4KE130(c)A
111.0
124.0
137.0
1
40
179.0
2.3
5
5
P4KE150(c)
121.0
135.0
165.0
1
40
215.0
2.0
5
5
P4KE150(c)A
128.0
143.0
158.0
1
40
207.0
2.0
5
5
P4KE160(c)
130.0
144.0
176.0
1
40
230.0
1.8
5
5
P4KE160(c)A
136.0
152.0
168.0
1
40
219.0
1.9
5
5
P4KE170(c)
138.0
153.0
187.0
1
40
244.0
1.7
5
5
P4KE170(c)A
145.0
162.0
179.0
1
40
234.0
1.8
5
5
P4KE180(c)
146.0
162.0
198.0
1
40
258.0
1.6
5
5
P4KE180(c)A
154.0
171.0
189.0
1
40
246.0
1.7
5
5
P4KE200(c)
162.0
180.0
220.0
1
40
287.0
1.50
5
5
P4KE200(c)A
171.0
190.0
210.0
1
40
274.0
1.53
5
5
P4KE220(c)
175.0
198.0
242.0
1
40
344.0
1.16
5
5
P4KE220(c)A
185.0
209.0
231.0
1
40
328.0
1.22
5
5
P4KE250(c)
202.0
225.0
275.0
1
40
360.0
1.11
5
5
P4KE250(c)A
214.0
237.0
263.0
1
40
344.0
1.16
5
5
P4KE300(c)
243.0
270.0
330.0
1
40
430.0
0.93
5
5
P4KE300(c)A
256.0
285.0
315.0
1
40
414.0
0.97
5
5
P4KE350(c)
284.0
315.0
385.0
1
40
504.0
0.79
5
5
P4KE350(c)A
300.0
332.0
368.0
1
40
482.0
0.83
5
5
P4KE400(c)
324.0
360.0
440.0
1
40
574.0
0.70
5
5
P4KE400(c)A
342.0
380.0
420.0
1
40
548.0
0.73
5
5
P4KE440(c)
356.0
396.0
484.0
1
40
630.0
0.64
5
5
P4KE440(c)A
378.0
418.0
462.0
1
40
600.0
0.67
5
5
1. VF<3.5V @ IF=25A for P4KE6.8 thru P4KE200A, VF<6.5V @IF=25A for P4KE220 thru P4KE440A
2. "C" Suffix for Bi-Directional Devices
3. For the bidirection typ having Vrwm of 10 volts and less, the IR limit is doubled.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com