Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXH6300AC6U Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPXH6300AC6U
Description  High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXH6300AC6U Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPXH6300AC6U Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXH6300AC6U Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXH6300AC6U Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXH6300AC6U Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXH6300AC6U Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXH6300AC6U Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXH6300AC6U Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXH6300AC6U Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXH6300AC6U Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Sensors
4
Freescale Semiconductor
MPXH6300A
Figure 2 illustrates the absolute sensing chip in the basic
Super Small Outline chip carrier (Case 1317). Figure 3
illustrates a typical application circuit (output source current
operation).
Figure 4 shows the sensor output signal relative to
pressure input. Typical minimum and maximum output
curves are shown for operation over 0 to 85
°C temperature
range. The output will saturate outside of the rated pressure
range.
A fluorosilicone gel isolates the die surface and wire bonds
from the environment, while allowing the pressure signal to
be transmitted to the silicon diaphragm. The MPXH6300A
series pressure sensor operating characteristics, internal
reliability and qualification tests are based on use of dry air as
the pressure media. Media other than dry air may have
adverse effects on sensor performance and long-term
reliability. Contact the factory for information regarding media
compatibility in your application.
Figure 2. Cross Sectional Diagram SSOP
(not to scale)
Figure 3. Typical Application Circuit
(Output Source Current Operation)
Figure 4. Output versus Absolute Pressure
Fluoro Silicone
Gel Die Coat
Wire Bond
Lead Frame
Sealed Vacuum Reference
Absolute Element
Die Bond
Stainless Steel Cap
Thermoplastic Case
P1
Die
VS Pin 2
+5.1 V
GND Pin 3
VOUT Pin 4
MPXH6300A
To ADC
100 nF
51 K
47 pF
Pressure (Reference to Sealed Vacuum) in kPa
4.5
0
4.0
5.0
1.0
1.5
2.0
2.5
3.0
3.5
0.5
MIN
MAX
TYP
Transfer Function:
Vout = Vs*(.00318*P-.00353) ± Error
VS = 5.1 Vdc
Temperature = 0 to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com