Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PZTM1102 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PZTM1102
Description  PNP transistor/Schottky-diode module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZTM1102 Datasheet(HTML) 5 Page - NXP Semiconductors

  PZTM1102 Datasheet HTML 1Page - NXP Semiconductors PZTM1102 Datasheet HTML 2Page - NXP Semiconductors PZTM1102 Datasheet HTML 3Page - NXP Semiconductors PZTM1102 Datasheet HTML 4Page - NXP Semiconductors PZTM1102 Datasheet HTML 5Page - NXP Semiconductors PZTM1102 Datasheet HTML 6Page - NXP Semiconductors PZTM1102 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1996 May 09
5
Philips Semiconductors
Product specification
PNP transistor/Schottky-diode module
PZTM1102
GRAPHICAL DATA
Fig.2 Switching times test circuit.
MBH222
handbook, halfpage
DUT
Vo (pin 4)
Vi
5 V
0 V
VCC = 5 V DC
90
Ω
(1%)
5.23
Ω
(1%)
7.5 k
Ω
(5%)
825
Ω
(1%)
Fig.3 Input and output waveforms.
tr < 5 ns (10% to 90%); tp = 1 µs; δ = 0.02; Zi = 50 Ω.
ton = td + tr; toff = ts + tf.
handbook, halfpage
MBH223
INPUT
OUTPUT
Vi
Vo
5 V
0 V
ton
tr
ts
toff
tp
td
tf
90%
90%
10%
10%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com