Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATS75 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ATS75
Description  LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR With Thermal Alarm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS75 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ATS75 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 11Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 12Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 13Page - List of Unclassifed Manufacturers ATS75 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
- 10 -
© Andigilog, Inc. 2005
www.andigilog.com
April 2006 - 70A03204
aTS75
Reading
If the pointer is already pointing to the desired register, the
master can read from that register by setting the read/write
bit (following the slave address) to a 1. After sending an
ACK, the aTS75 will begin transmitting data during the
following clock cycle. If the Configuration Register is being
read, the aTS75 will transmit one byte of data (see Figure
10).
The master device should respond with a NACK
followed by a stop condition. If the Temperature, TOS or
THYST Register is being read, the aTS75 will transmit two
bytes of data (see Figure 9). The master must respond to
the first byte of data with an ACK and to the second byte of
data with a NACK followed by a stop condition.
To read from a register other than the one currently being
pointed to by the Command Register, a pointer set to the
desired register must be done as described previously.
Immediately following the pointer set, the master must
perform a repeat start condition (see Figures 8 and 12)
which indicates to the aTS75 that a read is about to occur.
It is important to note that if the repeat start condition does
not occur, the aTS75 will assume that a write is taking
place, and the selected register will be overwritten by the
upcoming data on the data bus. After the start condition,
the master must again send the device address and
read/write bit. This time the read/write bit must be set to 1
to indicate a read. The rest of the read cycle is the same
as described in the previous paragraph for reading from a
preset pointer location.
Writing
All writes must be preceeded by a pointer set as described
previously, even if the pointer is already pointing to the
desired register.
Immediately following the pointer set, the master must
begin transmitting the data to be written. If the master is
writing to the Configuration Register, only one byte of data
must be sent (see Figure 13). If the TOS or THYST Register
is being written to, the master must send two bytes of data
(see Figure 11). After transmitting each byte of data, the
master must release the SDA line for one clock to allow the
aTS75 to acknowledge receiving the byte.
The write
operation should be terminated by a stop condition from the
master.
Inadvertent 8-Bit Read from a 16-Bit
Register: A Caution
An inadvertent 8-bit read from a 16-bit register, with the D7
bit low, can cause the aTS75 to pause in a state where the
SDA line is pulled low by the output data and is incapable
of receiving either a stop or a start condition from the
master. The only way to remove the aTS75 from this state
is to continue clocking for 9 cycles until SDA goes high, at
which time issuing a stop condition will reset the aTS75.
This sequence can be seen in Figure 7 below.
D7 D6 D5 D4 D3 D2 D1 D0
D7
Address Byte
Most Significant
Data Byte
(from aTS75)
1
0
0
1
A2 A1 A0
R/W
Master must
detect error
condition on
aTS75
S
A
N
Nine additional clock cycles to reset the aTS75
Ack
from
aTS75
No Ack
from
Master
No Ack
from
Master
Start
from
Master
SCL
SDA
Stop intended by
Master, but aTS75
SDA line locked
low
D6 D5 D4 D3 D2 D1 D0 N
Stop
Condition
from
Master
Figure 7. Inadvertent 8-Bit Read from 16-Bit Register where D7 = 0 and Forces Output Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com