Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAP27-01 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAP27-01
Description  Silicon PIN diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP27-01 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAP27-01 Datasheet HTML 1Page - NXP Semiconductors BAP27-01 Datasheet HTML 2Page - NXP Semiconductors BAP27-01 Datasheet HTML 3Page - NXP Semiconductors BAP27-01 Datasheet HTML 4Page - NXP Semiconductors BAP27-01 Datasheet HTML 5Page - NXP Semiconductors BAP27-01 Datasheet HTML 6Page - NXP Semiconductors BAP27-01 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2001 Nov 01
2
Philips Semiconductors
Preliminary specification
Silicon PIN diode
BAP27-01
FEATURES
• High speed switching for RF signals
• Low diode capacitance
• Low diode forward resistance
• Very low series inductance
• For applications up to 4 GHz.
APPLICATIONS
• RF attenuators and switches.
DESCRIPTION
Planar PIN diode in a SOD723A ultra small plastic SMD
package.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
handbook, halfpage
12
;
Top view
MAM405
Fig.1 Simplified outline (SOD723A) and symbol.
Marking code: M1
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
−
50
V
IF
continuous forward current
−
100
mA
Ptot
total power dissipation
Ts =90 °C
−
315
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com