| Electronic Components Datasheet Search |
|
BAP63-01 Datasheet(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BAP63-01 Datasheet(HTML) 2 Page - NXP Semiconductors |
|
2 / 7 page ![]() 2001 Nov 01 2 Philips Semiconductors Preliminary specification Silicon PIN diode BAP63-01 FEATURES • High speed switching for RF signals • Low diode capacitance • Low diode forward resistance • Very low series inductance • For applications up to 3 GHz. APPLICATIONS • RF attenuators and switches. DESCRIPTION Planar PIN diode in a SOD723A ultra small plastic SMD package. PINNING PIN DESCRIPTION 1 cathode 2 anode Marking code: K5 Fig.1 Simplified outline (SOD723A) and symbol. handbook, halfpage 12 ; Top view MAM405 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VR continuous reverse voltage − 50 V IF continuous forward current − 100 mA Ptot total power dissipation Ts =90 °C − 315 mW Tstg storage temperature −65 +150 °C Tj junction temperature −65 +150 °C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |