Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R05C1TF05S Datasheet(PDF) 6 Page - Recom International Power

Part # R05C1TF05S
Description  1W ◊ Isolated ◊ Input 3V-5.5VDC ◊ 12 Pad LGA Package RxxC1TFxxS Series ◊ Isolated Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R05C1TF05S Datasheet(HTML) 6 Page - Recom International Power

  R05C1TF05S Datasheet HTML 1Page - Recom International Power R05C1TF05S Datasheet HTML 2Page - Recom International Power R05C1TF05S Datasheet HTML 3Page - Recom International Power R05C1TF05S Datasheet HTML 4Page - Recom International Power R05C1TF05S Datasheet HTML 5Page - Recom International Power R05C1TF05S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Technical Data Sheet
DC/DC Converter
Rev. 2-2024
Page 6
1W ◊ Isolated ◊ Input 3V-5.5VDC ◊ 12 Pad LGA Package
RxxC1TFxxS Series ◊ Isolated Power Module
copyright © RECOM Power GmbH, all rights reserved
www.recom-power.com
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
Suffix -R: tape & reel (diameter)
tape and reel (carton)
Ø330.2
370 x 350 x 55mm
Suffix -CT: moisture barrier bag
100 x 100 x 30mm
Packaging Quantity
Suffix -R: tape & reel
500pcs
Suffix -CT: moisture barrier bag
10pcs
Tape Width
12mm
Storage Temperature Range
-65°C to +150°C
Storage Humidity
non-condensing
60% RH max.
The product information and specifications may be subject to changes even without prior written notice.The product has been designed for various applications; its suitability lies in the responsibility of each customer. The products
are not authorized for use in safety-critical applications without RECOM’s explicit written consent. A safety-critical application is an application where a failure may reasonably be expected to endanger or cause loss of life, inflict
bodily harm or damage property. The applicant shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM
products in such safety-critical applications.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com