Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K3AB2EAA Datasheet(PDF) 3 Page - OTTO Engineering, Inc

Part # K3AB2EAA
Description  SEALED, ILLUMINATED ROCKER SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OTTO [OTTO Engineering, Inc]
Direct Link  https://www.ottoexcellence.com/
Logo OTTO - OTTO Engineering, Inc

K3AB2EAA Datasheet(HTML) 3 Page - OTTO Engineering, Inc

  K3AB2EAA Datasheet HTML 1Page - OTTO Engineering, Inc K3AB2EAA Datasheet HTML 2Page - OTTO Engineering, Inc K3AB2EAA Datasheet HTML 3Page - OTTO Engineering, Inc K3AB2EAA Datasheet HTML 4Page - OTTO Engineering, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SEALED, ILLUMINATED ROCKER SWITCHES
SEALED
ROCKERS
K3
70
OTTO CONTROLS • 2005 Full Line Catalog
Specifications Subject To Change Without Notice
SNAP-IN PANEL MOUNTING
Terminal Style/
Bezel and Actuator
Switch Action/Circuit
Light Source
Light
Switch Rating/Plating
Color and Case Style
Position
Position
Position
Type
Circuit
Code
“A”
“B”
“C”
Circuit
A. Without Terminal Barriers/
A Black Rocker and Bezel
1A
ON
NONE
OFF
SPST
A. No Illumination
A. No Light
Standard Rating/Silver Plating
with Drain Holes
2A
ON
NONE
OFF
DPST
B. 6V Incandescent
B. Dep. in "A"
B. Without Terminal Barriers
B. Black Rocker and Bezel
1B
ON
NONE
ON
SPDT
C. 12V Incandescent
C. Dep. in "C"
& Connector Keying Pin/
without Drain Holes
2B
ON
NONE
ON
DPDT
D. 24V Incandescent
D. Ind. in "A"
Standard Rating/Silver Plating
C. Red Rocker and Bezel
1C
MOM-ON
NONE
OFF
SPST
E. 125 VAC Neon
E. Ind. in "C"
C. With Terminal Barriers/
with Drain Holes
2C
MOM-ON
NONE
OFF
DPST
F. 250 VAC Neon
F. Dep. in "A" & "C"
Standard Rating/Silver Plating
D. Red Rocker and Bezel
1D
MOM-ON
NONE
ON
SPDT
G. 2V Red LED
G. Dep. in "A" & Ind. in "C"
D. Without Terminal Barriers/
without Drain Holes
2D
MOM-ON
NONE
ON
DPDT
H. 2V Green LED
H. Ind. in "A" & Dep. in "C"
Low Level Rating/Gold Plating
E. White Rocker and Bezel
1E
MOM-ON
OFF
MOM-ON
SPDT
J. 2V Amber LED
J. Ind. in "A" & "C"
E. Without Terminal Barriers &
with Drain Holes
2E
MOM-ON
OFF
MOM-ON
DPDT
K. 6V Red LED
Connector Keying Pin/Low
F. White Rocker and Bezel
1F
ON
OFF
ON
SPDT
L. 6V Green LED
Level Rating/Gold Plating
without Drain Holes
2F
ON
OFF
ON
DPDT
M. 6V Amber LED
F. With Terminal Barriers/Low
1G
MOM-ON
OFF
ON
SPDT
N. 12V Red LED
Level Rating/Gold Plating
2G
MOM-ON
OFF
ON
DPDT
P. 12V Green LED
G. Without Terminal Barriers/
1H
ON
ON
OFF
SPDT
Q. 12V Amber LED
Standard Rating/No Plating
1J
ON
ON
NONE
SPDT
R. 24V Red LED
H. Without Terminal Barriers &
2J
ON
ON
NONE
DPDT
S. 24V Green LED
Connector Pin/Standard Rating/
1K
MOM-ON
ON
OFF
SPDT
T. 24V Amber LED
No Plating
1L
MOM-ON
ON
NONE
SPDT
J. With Terminal Barriers/Standard
2L
MOM-ON
ON
NONE
DPDT
Rating/No Plating
1M
ON
ON
ON
SPTT
1N
MOM-ON
ON
ON
SPTT
1P
MOM-ON
ON
MOM-ON
SPTT
2R
ON/ON
OFF/ON
OFF/OFF
DPDT
2S MOM-ON/ON OFF/ON
OFF/OFF
DPDT
K3 Se ri es P A R T
K3
X
X
X X
X
X
Stop Here for unlighted
switches without legends.
The switch you have
specified will be supplied
with a rocker button
without lenses and without
legends.
Example: K3AA1FAA
NOTE: Silver Plating for Soldering
Panel cut out dimensions are for reference only. Differences in panel material
and thickness may require changes to the panel cut out for optimum fit.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com