Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC857AM Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BC857AM
Description  PNP general purpose transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC857AM Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BC857AM Datasheet HTML 2Page - NXP Semiconductors BC857AM Datasheet HTML 3Page - NXP Semiconductors BC857AM Datasheet HTML 4Page - NXP Semiconductors BC857AM Datasheet HTML 5Page - NXP Semiconductors BC857AM Datasheet HTML 6Page - NXP Semiconductors BC857AM Datasheet HTML 7Page - NXP Semiconductors BC857AM Datasheet HTML 8Page - NXP Semiconductors BC857AM Datasheet HTML 9Page - NXP Semiconductors BC857AM Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2004 Mar 10
6
Philips Semiconductors
Product specification
PNP general purpose transistors
BC857M series
GRAPHICAL INFORMATION BC857BM
handbook, halfpage
0
1000
200
400
600
800
MLE192
−10−2
−10−1
(1)
−1
IC (mA)
hFE
−10
−102
−103
(2)
(3)
Fig.6 DC current gain; typical values.
VCE = −5V.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
−200
−1200
−400
−600
−800
−1000
MLE193
−10−2
−10−1
(1)
−1
IC (mA)
VBE
(mV)
−10
−102
−103
(3)
(2)
Fig.7
Base-emitter voltage as a function of
collector current; typical values.
VCE = −5V.
(1) Tamb = −55 °C.
(2) Tamb =25 °C.
(3) Tamb = 150 °C.
handbook, halfpage
−104
−103
−102
−10
MLE194
−10−1
−1
−10
IC (mA)
VCEsat
(mV)
−102
−103
(2)
(3)
(1)
Fig.8
Collector-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
−200
−1200
−400
−600
−800
−1000
MLE195
−1
−10−1
IC (mA)
VBEsat
(mV)
−10
−102
−103
(1)
(3)
(2)
Fig.9
Base-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 20.
(1) Tamb = −55 °C.
(2) Tamb =25 °C.
(3) Tamb = 150 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com