| Electronic Components Datasheet Search |
|
PL75MCS-201 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PL75MCS-201 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 141 page ![]() R Trompeter Products Catalog - T21 Military/Aerospace ISO 9001 Registered (800) 982-2629 Fax: (818) 706-1040 www.trompeter.com 2 rf interconnect products Introduction Established in 1960, Trompeter is a manufacturer of high value wireline coax, triax, and twinax transmission line connectors, cable, and the tools required for assembly. In addition, the company has a broad line of patch panel insertion- controlled interconnect modules and a rapid response cable assembly business. The firm is ISO-9001 registered and enjoys an international presence in the Telecommunications, Broadcast, and Military/Aerospace markets. MIL-STD-1553B Digital Data Bus Applications Twinax /Triax connectors are used in military applications to protect data signals from extraneous noise through non- signal-carrying shielding. Interfacing connectors must provide contact surfaces isolated from each other and from their outer shields. MIL-STD-1553B addresses twinax applications for computerized/multiplexed digital data distribution systems servicing the many functions of Command, Control, Communications, Computers and Intelligence (C4I) which was originally designed for military aircraft. MIL-STD-1553B applications are found in military surface ships, battle tanks, helicopters, missiles, space vehicles, combat aircraft and in many ground applications such as data networks and perimeter security for airports, armories, and other government installations. The great advantages of additional information, automation and weight savings, which are necessary for the complex demands of aircraft operations are realized by using a single transmission cable instead of the complicated, heavy, dedicated multiple cable used in the past. A 78 Ω twinax cable was selected to provide the transmitted digital information with the needed protection from magnetic, electrostatic and electromagnetic pulse (EMP) interference. Complete shielding of the twisted pair along the transmission path and all electrical contacts within multi-pin connectors must be maintained. Trompeter provides matching components of Twinax/Triax connectors and cable for improving the transmission capabilities and interference rejection of data transmission systems. Trompeter components will meet or exceed MIL- STD-1553B requirements (for airborne and ground checkout) and MIL-STD-1760 "External Stores". |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |