Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA5211D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA5211D
Description  Transimpedance amplifier 180MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5211D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA5211D Datasheet HTML 9Page - NXP Semiconductors SA5211D Datasheet HTML 10Page - NXP Semiconductors SA5211D Datasheet HTML 11Page - NXP Semiconductors SA5211D Datasheet HTML 12Page - NXP Semiconductors SA5211D Datasheet HTML 13Page - NXP Semiconductors SA5211D Datasheet HTML 14Page - NXP Semiconductors SA5211D Datasheet HTML 15Page - NXP Semiconductors SA5211D Datasheet HTML 16Page - NXP Semiconductors SA5211D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Philips Semiconductors
Product specification
SA5211
Transimpedance amplifier (180MHz)
1998 Oct 07
13
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
0
2
4
6
8
10
12
14
16
18
20
(ns)
VCC = 5V
TA = 25°C
20mV/Div
Output Step Response
SD00334
Figure 10. Typical Performance Characteristics (cont.)
THEORY OF OPERATION
Transimpedance amplifiers have been widely used as the
preamplifier in fiber-optic receivers. The SA5211 is a wide bandwidth
(typically 180MHz) transimpedance amplifier designed primarily for
input currents requiring a large dynamic range, such as those
produced by a laser diode. The maximum input current before
output stage clipping occurs at typically 50
µA. The SA5211 is a
bipolar transimpedance amplifier which is current driven at the input
and generates a differential voltage signal at the outputs. The
forward transfer function is therefore a ratio of the differential output
voltage to a given input current with the dimensions of ohms. The
main feature of this amplifier is a wideband, low-noise input stage
which is desensitized to photodiode capacitance variations. When
connected to a photodiode of a few picoFarads, the frequency
response will not be degraded significantly. Except for the input
stage, the entire signal path is differential to provide improved
power-supply rejection and ease of interface to ECL type circuitry. A
block diagram of the circuit is shown in Figure 11. The input stage
(A1) employs shunt-series feedback to stabilize the current gain of
the amplifier. The transresistance of the amplifier from the current
source to the emitter of Q3 is approximately the value of the
feedback resistor, RF=14.4kΩ. The gain from the second stage (A2)
and emitter followers (A3 and A4) is about two. Therefore, the
differential transresistance of the entire amplifier, RT is
R
T +
V
OUT(diff)
I
IN
+ 2R
F + 2(14.4K) + 28.8kW
The single-ended transresistance of the amplifier is typically 14.4k
Ω.
The simplified schematic in Figure 12 shows how an input current is
converted to a differential output voltage. The amplifier has a
single input for current which is referenced to Ground 1. An input
current from a laser diode, for example, will be converted into a
voltage by the feedback resistor RF. The transistor Q1 provides most
of the open loop gain of the circuit, AVOL≈70. The emitter follower Q2
minimizes loading on Q1. The transistor Q4, resistor R7, and VB1
provide level shifting and interface with the Q15 – Q16 differential
pair of the second stage which is biased with an internal reference,
VB2. The differential outputs are derived from emitter followers Q11 –
Q12 which are biased by constant current sources. The collectors of
Q11 – Q12 are bonded to an external pin, VCC2, in order to reduce
the feedback to the input stage. The output impedance is about 17
Ω
single-ended. For ease of performance evaluation, a 33
Ω resistor is
used in series with each output to match to a 50
Ω test system.
BANDWIDTH CALCULATIONS
The input stage, shown in Figure 13, employs shunt-series feedback
to stabilize the current gain of the amplifier. A simplified analysis can
determine the performance of the amplifier. The equivalent input
capacitance, CIN, in parallel with the source, IS, is approximately
7.5pF, assuming that CS=0 where CS is the external source
capacitance.
Since the input is driven by a current source the input must have a
low input resistance. The input resistance, RIN, is the ratio of the
incremental input voltage, VIN, to the corresponding input current, IIN
and can be calculated as:
R
IN +
V
IN
I
IN
+
R
F
1
) A
VOL
+ 14.4K
71
+ 203W
More exact calculations would yield a higher value of 200
Ω.
Thus CIN and RIN will form the dominant pole of the entire amplifier;
f*3dB +
1
2
p R
IN CIN
Assuming typical values for RF = 14.4kΩ, RIN = 200Ω, CIN = 4pF
f*3dB +
1
2
p 4pF 200W +
200MHz
The operating point of Q1, Figure 12, has been optimized for the
lowest current noise without introducing a second dominant pole in
the pass-band. All poles associated with subsequent stages have
been kept at sufficiently high enough frequencies to yield an overall
single pole response. Although wider bandwidths have been
achieved by using a cascade input stage configuration, the present
solution has the advantage of a very uniform, highly desensitized
frequency response because the Miller effect dominates over the
external photodiode and stray capacitances. For example, assuming
a source capacitance of 1pF, input stage voltage gain of 70, RIN =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com