Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP7720DS Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP7720DS
Description  20W Stereo Class D Single Ended Audio Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7720DS Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP7720DS Datasheet HTML 1Page - Monolithic Power Systems MP7720DS Datasheet HTML 2Page - Monolithic Power Systems MP7720DS Datasheet HTML 3Page - Monolithic Power Systems MP7720DS Datasheet HTML 4Page - Monolithic Power Systems MP7720DS Datasheet HTML 5Page - Monolithic Power Systems MP7720DS Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV0030 – 20W STEREO CLASS D SINGLE ENDED AUDIO AMPLIFIER
EVALUATION BOARD
EV0030 Rev. 1.6
www.MonolithicPower.com
3
6/13/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
EV0030 BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Manufacturer P/N
3
C1, C3,
C124
1µF
Ceramic Capacitor, X5R, 16V
SM0805
Panasonic
ECJ-2FB1C105K
4
C2, C4,
C5, C6
NS
Not Stuffed
2
C9, C19
390pF
Ceramic Capacitor, X7R, 50V
SM0805
Panasonic
ECU-V1H391KBN
2
C11, C12
3.3nF
Ceramic Capacitor, X7R, 50V
SM0805
Panasonic
ECJ-2VB1H472K
2
C13, C14
100µF
Electrolytic Capacitor, 35V
Radial
Panasonic
EEU-FC1V101
2
C15, C16
22pF
Ceramic Capacitor, NPO, 50V
SM0805
Panasonic
ECJ-2VC1H220J
2
C17, C18
1µF
Ceramic Capacitor, X7R, 25V
SM1206
Panasonic
ECJ-3YB1E105K
2
C21, C22
0.1µF
Ceramic Capacitor, X7R, 50V
SM0805
Panasonic
ECJ-2YB1H104K
2
C23, C24
0.47µF
Metallized Film Capacitor,
50V
Radial
Panasonic
ECQ-V1H474JL
2
C25, C26
1000µF Electrolytic Capacitor, 25V
Radial
Panasonic
ECA-1EHG102
1
C27
2200µF Electrolytic Capacitor, 25V
Radial
Panasonic
EEU-FC1E222
2
C102,
C114
4.7µF
Ceramic Capacitor, X5R, 16V
SM1206
Panasonic
ECJ-3YB1C475M
2
D1, D3
Zener Diode, 6.2V
MINIMELF
Diodes Inc
ZMM5234B-7
2
D6, D8
Schottky Diode, 30V, 1A
SMB
IRF
MBRS130LTR
2
FB1, FB2
Ferrite Bead
SM1210
FAIR-RITE
2512067007Y3
2
L1, L2
10µH
Inductor, 3.5A
Radial/10RYTL
Toko
A7024LYF-100K
2
R1, R2
NS
Not Stuffed
7
R3, R4,
R5, R6,
R13, R14,
R113
10kΩ
Ceramic Resistor, 1%
SM0805
Panasonic
ERJ-6ENF1002V
2
R7, R11
10Ω
Ceramic Resistor, 5%
SM0805
Panasonic
ERJ-6GEYJ100V
2
R8, R12
10Ω
Ceramic Resistor, 5%
SM1206
Panasonic
ERJ-8GEYJ100V
2
R17, R18
120kΩ
Ceramic Resistor, 5%
SM0805
Panasonic
ERJ-6GEYJ124V
1
R112
3kΩ
Ceramic Resistor, 5%
SM0805
Panasonic
ERJ-6GEYJ302V
4
R201,
R202,
R203,
R204
100kΩ
Ceramic Resistor, 1%
SM0805
Panasonic
ERJ-6ENF1003V
2
U1, U2
Amplifier
SOIC8
MPS
MP7720



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com