Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HK-1608-R33JTK Datasheet(PDF) 26 Page - Kemet Corporation

Part # HK-1608-R33JTK
Description  Surface Mount Ferrite Products
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

HK-1608-R33JTK Datasheet(HTML) 26 Page - Kemet Corporation

Back Button HK-1608-R33JTK Datasheet HTML 22Page - Kemet Corporation HK-1608-R33JTK Datasheet HTML 23Page - Kemet Corporation HK-1608-R33JTK Datasheet HTML 24Page - Kemet Corporation HK-1608-R33JTK Datasheet HTML 25Page - Kemet Corporation HK-1608-R33JTK Datasheet HTML 26Page - Kemet Corporation HK-1608-R33JTK Datasheet HTML 27Page - Kemet Corporation HK-1608-R33JTK Datasheet HTML 28Page - Kemet Corporation HK-1608-R33JTK Datasheet HTML 29Page - Kemet Corporation HK-1608-R33JTK Datasheet HTML 30Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
26
BK Features:
• Internal silver printed layer creates a closed circuit which acts as a magnetic
shield to minimize heat generation and crosstalk
• No need for grounding provides greater circuit design flexibility
• Several material types and a broad range of impedance values provide noise
countermeasures for various applications
HS: Suppresses the XL component. Helps stop the reduction of the wave-form
integrity (digital wave-form overshoot, etc)
HM: Increases the Z characteristics sharply above 20MHz and is applicable for
radiated noise in the 100MHz-300MHz range. Especially effective on video
signal lines.
LL: Designed as a noise countermeasure for 200MHz-500MHz range where the
rise of the Z component is in the high frequency area.
LM: Intended for noise suppression around 200MHz. Effectively increase
attenuation
HW: The best material in the BK Series to suppress the XL component and stop the
reduction of the wave-form integrity while maintaining attenuation in the high
frequency area.
TS: Reduced DC resistance version for noise countermeasures around LSI power
supplies
BKP Features:
• Low Rdc values reduce power dissipation and extend battery life
• No need for grounding provides greater circuit design flexibility
KEMET Designator
Material
HM, HS, HW, LL, LM, TS
Contact KEMET for materials characteristics
Impedance
Examples: 150 = 15Ω
Ω
101 = 100Ω
Ω
102 = 1000Ω
Ω
Type
BK- = Standard, BKP = For Power Supply Lines
Case Size
0603 (0201)
1005 (0402)
1608 (0603)
2125 (0805)
Packaging Code
T = Tape & Reel
BK-
1005
HM 121
T
K
Dim.
Code
EIA
Case
Size
L
Length
(inches)
W
Width
(inches)
T
Thickness Maximum
(inches)
E
(inches)
0603
0201
1.6 ±0.2
(0.063 ±0.008)
0.8 ±0.2
(0.031 ±0.008)
0.8 ±0.2
(0.031 ±0.008)
0.3 ±0.2
(0.012 ±0.008)
1005
0402
1.00 ±0.05
(0.039 ±0.002)
0.50 ±0.05
(0.020 ±0.002)
0.50 ±0.05
(0.020 ±0.002)
0.25 ±0.10
(0.010 ±0.004)
1608
0603
1.6 ±0.15
(0.063 ±0.006)
0.8 ±0.15
(0.031 ±0.006)
0.8 ±0.15
(0.031 ±0.006)
0.3 ±0.2
(0.012 ±0.008)
2125
0805
2.0 +0.3/-.01
(0.079 +0.012/-0.004)
1.25 ±0.2
(0.049 ±0.008)
0.85 ±0.2
(0.033 ±0.008)
0.5 ±0.3
(0.020 ±0.012)
Multilayer Ferrite Chip Beads - BK Series
Part Numbering Table
Dimension Table in millimeters (inches)
BK Applications:
• High frequency noise countermeasure in personal computers, digital cameras and
other information system products. For use on digital product clock lines and
general signal lines.
• Radiated noise suppression in computer or printer interfaces harness connectors.
• Noise suppression in video and other AV products
• Prevents interference between circuits in cellular phones (PHS, PDC, etc)
• Due to the closed internal circuit which acts as a magnetic shield, the TS material
is extremely effective as a noise filter on LSI power supplies where downsizing
of components is needed.
BKP Applications:
• High frequency noise countermeasures on the DC power supply line in personal
computers and other information system products
• Noise suppression in USB and IEEE1294 interface
• Prevents interference between circuits in mobile systems (PDC, PHS, PDA)
Operating Temperature:
• BK: -55ºC to +125ºC (includes self-generated heat)
• BKP: -55ºC to +85ºC (includes sel-generated heat)
E
T
W
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com